Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8068F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA8068F
Description  Intelligent Stepping Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8068F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA8068F Datasheet HTML 1Page - Toshiba Semiconductor TA8068F Datasheet HTML 2Page - Toshiba Semiconductor TA8068F Datasheet HTML 3Page - Toshiba Semiconductor TA8068F Datasheet HTML 4Page - Toshiba Semiconductor TA8068F Datasheet HTML 5Page - Toshiba Semiconductor TA8068F Datasheet HTML 6Page - Toshiba Semiconductor TA8068F Datasheet HTML 7Page - Toshiba Semiconductor TA8068F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TA8068F
2002-02-27
2
PIN DESCRIPTION
PIN No.
SYMBOL
DESCRIPTION
1
VCC
Power supply pin. This pin has a function to turn off the output when the applied voltage
exceeds 30V (Typ.), thus protecting the IC and the motor load.
4
ST
When this pin is opened or grounded, the output turns off, thus reducing the current
consumption to 100µA or less. If standby mode is not needed, the pin is connected to
VCC.
5
INA
This is input terminal which controls output condition of pin 6 and pin 7. PNP-type voltage
comparator is built in.
6
OA
PNP-type complementary output pin with a current capacity of 1.5A. This pin is controlled
by the input from pin 5. When the output is supplied with a current exceeding the detection
current (4A Typ.) because of load short-circuit, the output is latched to the OFF state after
a 50µs (Typ.) delay in order to protect the IC.
7
OA
Output pin of the inversion of pin 6. This terminal has the same function as pin 6 and is
controlled by pin 5.
10
P-GND
Ground terminal of output section which is usually connected with pin 17.
14
OB
Output pin of the inversion of pin 15. This terminal has the same function as pin 6 and is
controlled by pin 16.
15
OB
This terminal has the same function as pin 6 and is controlled by pin 16.
16
INB
This is input terminal which controls output condition of pin 14 and pin 15. PNP-type
voltage comparator is built in.
17
L-GND
Ground terminal of logic control section which is usually connected with pin 10.
20
DG
Self-diagnostic output pin. This signal goes low when the output is short-circuited while the
input is on (high). The output will be latched after a 50µs (Typ.) delay when the load is
short-circuited.This pin supplies an NPN open-collector output.
2, 3, 8, 9, 11,
12, 13, 18, 19
N.C
Not connected. (Electrically, this pin is completely open.)
TIMING CHART
4 A (typ.)
INA
INB
OA
OB
OA
OB
DG
ST
IO (OA)
Normal
Normal
Short
-Circuit
50 µs Delay


Similar Part No. - TA8068F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
More results

Similar Description - TA8068F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com