Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2512FKM7T0R05E Datasheet(PDF) 4 Page - YAGEO Corporation

Part # PA2512FKM7T0R05E
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PA2512FKM7T0R05E Datasheet(HTML) 4 Page - YAGEO Corporation

  PA2512FKM7T0R05E Datasheet HTML 1Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 2Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 3Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 4Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 5Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 6Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 7Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 8Page - YAGEO Corporation PA2512FKM7T0R05E Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Dec. 01, 2016 V.5
Product specification
4
10
SERIES
PA_E
2512
Fig. 5 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
PA2512 Range: –55°C to +170°C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Standard rated power at 70°C:
For detail power value, please refer to Table 2.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
)
(
PxR
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
TYPE
RESISTANCE RANGE POWER RATING
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
PA2512
0.5mΩ ≤ R ≤ 0.75mΩ
1W
2W
3W
6.35±0.25
3.18±0.25
0.63±0.25
2.72±0.25
2.72±0.25
1mΩ ≤ R ≤ 4mΩ
6.35±0.25
3.18±0.25
0.63±0.25
2.21±0.25
2.21±0.25
5mΩ ≤ R ≤ 6mΩ
6.35±0.25
3.18±0.25
0.63±0.25
1.19±0.25
1.19±0.25
7mΩ ≤ R ≤ 50mΩ
6.35±0.25
3.18±0.25
0.63±0.25
0.76±0.25
0.76±0.25
Note:
1. For relevant physical dimensions, please refer to construction outlines.
2. Please contact with sales offices, distributors and representatives in your region before ordering.
ELECTRICAL CHARACTERISTICS
Fig. 4 Chip resistor outlines
Table 2
SERIES SIZE
POWER RATING
TOLERANCE
RESISTANCE
RANGE
TEMPERATURE COEFFICIENT OF
RESISTANCE
07
7W
7T
PA
2512
1W
2W
3W
± 1% , ± 5%
0.5 mΩ ≤ R ≤ 50mΩ
± 100 ppm/°C, ± 75 ppm/°C, ± 50 ppm/°C
Note: Please contact with sales offices, distributors and representatives in your region before ordering.
DIMENSION
Table 1 For outlines, please refer to Fig. 4


Similar Part No. - PA2512FKM7T0R05E

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKM7T0R05 YAGEO-PA2512FKM7T0R05 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PA2512FKM7T0R05E

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com