Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2123AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2123AF
Description  1.5V Stereo Headphone Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2123AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2123AF Datasheet HTML 4Page - Toshiba Semiconductor TA2123AF Datasheet HTML 5Page - Toshiba Semiconductor TA2123AF Datasheet HTML 6Page - Toshiba Semiconductor TA2123AF Datasheet HTML 7Page - Toshiba Semiconductor TA2123AF Datasheet HTML 8Page - Toshiba Semiconductor TA2123AF Datasheet HTML 9Page - Toshiba Semiconductor TA2123AF Datasheet HTML 10Page - Toshiba Semiconductor TA2123AF Datasheet HTML 11Page - Toshiba Semiconductor TA2123AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TA2123AF
2002-10-30
8
·
Blank skip mode
The AMS SW is also turned of when the MT SW is turned off. And the comparator input level is
determined by external resistors (R4, R6) and capacitors (C3, C4) from mixer amplifier output
level.
The transfer function is as follows.
VO / Vi = R3 / [R1・R2 / (R1 + R2)] × {jωC4・R6 / [1 + jω (C3・R4 + C4・R4 + C4・R6) - ω2C3・C4・
R4・R6]}
Fig.2
AMS system
VREF OUT
VREF OUT
MIX
+
COMP
C1 R1
C2 R2
PRE OUT
AMS
IN
AMS
MIX
R3
R4
C4
AMS
SW
AMS
DET
VREF OUT
AMS
OUT
R7
VCC
Synchronizes with the MT SW
12
14
13
15
40


Similar Part No. - TA2123AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2120 TOSHIBA-TA2120 Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2120A TAI-SAW-TA2120A Datasheet
420Kb / 7P
   SAW Filter 2491.75 MHz SMD 3.0횞3.0 mm (BW=16.5 MHz)
logo
Transko Electronics, In...
TA2120AM TRANSKO-TA2120AM Datasheet
430Kb / 4P
   Wireless, RF SAW Filter
Revision 0: January 2009
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
More results

Similar Description - TA2123AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
logo
Toshiba Semiconductor
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
   1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
logo
KEC(Korea Electronics)
KIA8159FN KEC-KIA8159FN Datasheet
237Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V STEREO HEADPHONE AMPLIFIER)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com