Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1074299 Datasheet(PDF) 8 Page - SICK AG

Part # 1074299
Description  IMAGE-BASED CODE READERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1074299 Datasheet(HTML) 8 Page - SICK AG

Back Button 1074299 Datasheet HTML 2Page - SICK AG 1074299 Datasheet HTML 3Page - SICK AG 1074299 Datasheet HTML 4Page - SICK AG 1074299 Datasheet HTML 5Page - SICK AG 1074299 Datasheet HTML 6Page - SICK AG 1074299 Datasheet HTML 7Page - SICK AG 1074299 Datasheet HTML 8Page - SICK AG 1074299 Datasheet HTML 9Page - SICK AG 1074299 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D632R-MISCB8 Flex | Lector63x
IMAGE-BASED CODE READERS
Exploded view
1
2
3
4
5
6
7
8
9
①  Camera housing
②  Spacer for built-in illumination
③  Spacer ring (optional)
④  Plug connector for illumination
⑤  S-mount lens
⑥  Built-in illumination
⑦  Optical filter (optional)
⑧  Filter holder
⑨  Protective cover for optics
Recommended accessories
Other models and accessories
www.sick.com/Lector63x
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket with screws, L-shaped for mounting with sliding nuts, includes angle
indicator for adjusting the tilt angle
Mounting bracket
2078970
Modules
Connection device basic for connecting one sensor with 2 A fuse, 5 cable glands and
RS-232 interface to sensor via M12, 17-pin female connector, all outputs available on
screw/spring-loaded terminals.
CDB650-204
1064114
8
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-04-07 16:36:27
Subject to change without notice


Similar Part No. - 1074299

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10742 ETC-10742 Datasheet
90Kb / 1P
   Heyco짰 Nylon PCB Supports - Threaded Male
logo
Heyco.
10742 HEYCO-10742 Datasheet
117Kb / 1P
   Nylon PCB Supports - Threaded Male
logo
SICK AG
1074221 SICK-1074221 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results

Similar Description - 1074299

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com