Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1082394 Datasheet(PDF) 10 Page - SICK AG

Part # 1082394
Description  IMAGE-BASED CODE READERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1082394 Datasheet(HTML) 10 Page - SICK AG

Back Button 1082394 Datasheet HTML 4Page - SICK AG 1082394 Datasheet HTML 5Page - SICK AG 1082394 Datasheet HTML 6Page - SICK AG 1082394 Datasheet HTML 7Page - SICK AG 1082394 Datasheet HTML 8Page - SICK AG 1082394 Datasheet HTML 9Page - SICK AG 1082394 Datasheet HTML 10Page - SICK AG 1082394 Datasheet HTML 11Page - SICK AG 1082394 Datasheet HTML 12Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D631D-MXCXB0 Flex OCR DPM | Lector63x
IMAGE-BASED CODE READERS
1
2
3
4
5
6
7
①  Camera housing
②  C-mount filter (optional)
③  Spacer disk (included with delivery of filter)
④  C-mount lens
⑤  Mounting bracket for ICL ring lighting
⑥  Protective cover for optics for ICL ring lighting
⑦  ICL ring lighting
Recommended accessories
Other models and accessories
www.sick.com/Lector63x
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket with screws, L-shaped for mounting with sliding nuts, includes angle
indicator for adjusting the tilt angle
Mounting bracket
2078970
Terminal and alignment brackets
Distance bracket and light extension connector (medium) for mounting integratable
lighting, length 15 mm, used with compact C-mount lenses with focal length of 12 mm
or 25 mm and S-mount lens with focal length 25mm
Distance bracket
2079501
Modules
Connection device basic for connecting one sensor with 2 A fuse, 5 cable glands and
RS-232 interface to sensor via M12, 17-pin female connector, all outputs available on
screw/spring-loaded terminals.
CDB650-204
1064114
Plug connectors and cables
Head A: female connector, M12, 17-pin, straight, A-coded
Head B: male connector, M12, 17-pin, straight, A-coded
Cable: Power, serial, CAN, digital I/Os, drag chain use, suitable for 2 A, suitable for re-
frigeration, shielded, 2 m
Connection cable
(male connector -
female connector)
6053230
10
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-04-07 16:36:27
Subject to change without notice


Similar Part No. - 1082394

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1082391 PHOENIX-1082391 Datasheet
244Kb / 8P
   Distribution block - PTFIX 6X10/S GN
logo
SICK AG
1082395 SICK-1082395 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
logo
PHOENIX CONTACT
1082395 PHOENIX-1082395 Datasheet
257Kb / 8P
   Distribution block - PTFIX 6X10/S BK
logo
SICK AG
1082396 SICK-1082396 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
1082397 SICK-1082397 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
More results

Similar Description - 1082394

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com