Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBS-1ESGT2506NE Datasheet(PDF) 2 Page - SICK AG

Part # TBS-1ESGT2506NE
Description  TEMPERATURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TBS-1ESGT2506NE Datasheet(HTML) 2 Page - SICK AG

  TBS-1ESGT2506NE Datasheet HTML 1Page - SICK AG TBS-1ESGT2506NE Datasheet HTML 2Page - SICK AG TBS-1ESGT2506NE Datasheet HTML 3Page - SICK AG TBS-1ESGT2506NE Datasheet HTML 4Page - SICK AG TBS-1ESGT2506NE Datasheet HTML 5Page - SICK AG TBS-1ESGT2506NE Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TBS-1ESGT2506NE | TBS
TEMPERATURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
TBS-1ESGT2506NE
6049988
Other models and accessories
www.sick.com/TBS
Detailed technical data
Features
Measuring range
–20 °C ... +80 °C
Sensor element
Pt1000, 2-wire, class A according to IEC 60751
Output signals
2 x NPN
Switching output
Transistor
Switching voltage
Supply voltage [V DC] - 1 V DC
Maximum switching current
≤ 250 mA
Switching delay
0 s ... 50 s, programmable
Setting accuracy of switching outputs
+0.1 °C
Number 2
Switching voltage Supply voltage [V DC] - 1 V DC
Maximum switching current ≤ 250 mA
Switching delay 0 s ... 50 s, programmable
Setting accuracy of switching outputs +0.1 °C
Temperature offset
± +3 °C
Scaling of measuring range
Zero point: max. +25 % of span
Full scale: max. –25 % of span
Max. +25 % of span, max. –25 % of span
Display
14-segment LED, blue, 4-digits, height 9 mm,
Display electronically turnable by 180 °, update: 200 ms
Rotatable housing
Display against housing with electrical connection: 330 °
Housing against process connection: 320 °
Performance
Accuracy of sensor element
≤ ± (0.15 °C + 0.002 |t|) 1)
Accuracy of switching output
≤ ± 0.8 % of span
Display accuracy
≤ ± 0.8 % of span ± 1 digit
Accuracy of analog output
≤ ± 0.5 % of span
Response time t50
≤ 5 s 2)
1) |t| is the absolute value of the temperature in °C.
2) Depending on sensor configuration, according to IEC 60751.
2
FLUID SENSORS | SICK
Online data sheet | 2017-03-14 16:25:09
Subject to change without notice


Similar Part No. - TBS-1ESGT2506NE

ManufacturerPart #DatasheetDescription
logo
SICK AG
TBS-1ASG10506NM SICK-TBS-1ASG10506NM Datasheet
442Kb / 6P
   TEMPERATURE SENSORS
TBS-1ASG11006NM SICK-TBS-1ASG11006NM Datasheet
442Kb / 6P
   TEMPERATURE SENSORS
TBS-1ASG11506NM SICK-TBS-1ASG11506NM Datasheet
442Kb / 6P
   TEMPERATURE SENSORS
TBS-1ASG12506NM SICK-TBS-1ASG12506NM Datasheet
442Kb / 6P
   TEMPERATURE SENSORS
TBS-1ASGT0506NM SICK-TBS-1ASGT0506NM Datasheet
242Kb / 5P
   TEMPERATURE SENSORS
More results

Similar Description - TBS-1ESGT2506NE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com