Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4C3F60L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS4C3F60L
Description  StripFET??MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F60L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS4C3F60L Datasheet HTML 2Page - STMicroelectronics STS4C3F60L Datasheet HTML 3Page - STMicroelectronics STS4C3F60L Datasheet HTML 4Page - STMicroelectronics STS4C3F60L Datasheet HTML 5Page - STMicroelectronics STS4C3F60L Datasheet HTML 6Page - STMicroelectronics STS4C3F60L Datasheet HTML 7Page - STMicroelectronics STS4C3F60L Datasheet HTML 8Page - STMicroelectronics STS4C3F60L Datasheet HTML 9Page - STMicroelectronics STS4C3F60L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STS4C3F60L
6/11
Figure 15: Safe Operating p-channel
Figure 16: Output Characteristics p-channel
Figure 17: Transconductance p-channel
Figure 18: Thermal Impedance for Comple-
mentary Pair
Figure 19: Transfer Characteristics p-channel
Figure 20: Static Drain-Source On Resistance
p-channel


Similar Part No. - STS4C3F60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STS4C3F30L VBSEMI-STS4C3F30L Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STS4C3F60L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTS3C3F30L KEXIN-KTS3C3F30L Datasheet
60Kb / 3P
   STripFET TM Power MOSFET
logo
STMicroelectronics
STS8C5H30L STMICROELECTRONICS-STS8C5H30L Datasheet
442Kb / 11P
   LOW GATE CHARGE StripFET III MOSFET
STSJ18NF3LL STMICROELECTRONICS-STSJ18NF3LL Datasheet
212Kb / 9P
   LOW GATE CHARGE STripFET II POWER MOSFET
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
   P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
   N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
   N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
STV40NE03L-20 STMICROELECTRONICS-STV40NE03L-20 Datasheet
90Kb / 8P
   N - CHANNEL 30V - 0.014ohm - 40A - PowerSO-10 STripFET MOSFET
STW55NE10 STMICROELECTRONICS-STW55NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.021ohm - 55A - TO247 STripFET POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com