Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4C3F60L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS4C3F60L
Description  StripFET??MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F60L Datasheet(HTML) 3 Page - STMicroelectronics

  STS4C3F60L Datasheet HTML 1Page - STMicroelectronics STS4C3F60L Datasheet HTML 2Page - STMicroelectronics STS4C3F60L Datasheet HTML 3Page - STMicroelectronics STS4C3F60L Datasheet HTML 4Page - STMicroelectronics STS4C3F60L Datasheet HTML 5Page - STMicroelectronics STS4C3F60L Datasheet HTML 6Page - STMicroelectronics STS4C3F60L Datasheet HTML 7Page - STMicroelectronics STS4C3F60L Datasheet HTML 8Page - STMicroelectronics STS4C3F60L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STS4C3F60L
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Switching On
Table 8: Switching Off
Table 9: Source-Drain Diodef
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
N-CHANNEL
VDD = 30 V, ID = 2 A,
RG= 4.7 Ω, VGS = 4.5 V
P-CHANNEL
VDD = 30 V, ID = 1.5 A,
RG= 4.7 Ω, VGS = 4.5 V
(Resistive Load see, Figure 28)
n-ch
p-ch
n-ch
p-ch
15
124
28
54
ns
ns
ns
ns
Qg
Total Gate Charge
N-CHANNEL
VDD= 48 V, ID= 4 A,
VGS= 4.5 V
P-CHANNEL
VDD = 48 V, ID = 3 A,
VGS = 4.5 V
(see, Figure 31)
n-ch
p-ch
15
11.6
20.4
15.7
nC
nC
Qgs
Gate-Source Charge
n-ch
p-ch
4
4.5
nC
nC
Qgd
Gate-Drain Charge
n-ch
p-ch
4
4.7
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
N-CHANNEL
VDD = 30 V, ID = 2 A,
RG= 4.7 Ω, VGS = 4.5 V
P-CHANNEL
VDD = 30 V, ID = 1.5 A,
RG= 4.7 Ω, VGS = 4.5 V
(Resistive Load see, Figure 28)
n-ch
p-ch
n-ch
p-ch
45
39
10
14.5
ns
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
n-ch
p-ch
4
3
A
A
ISDM (2)
Source-drain Current (pulsed)
n-ch
p-ch
16
12
A
A
VSD (1)
Forward On Voltage
ISD = 4 A, VGS = 0
ISD = 3 A, VGS = 0
n-ch
p-ch
1.2
1.2
V
V
trr
Reverse Recovery Time
N-CHANNEL
ISD = 4 A, di/dt = 100 A/µs
VDD = 20V, Tj = 150°C
P-CHANNEL
ISD = 3 A, di/dt = 100 A/µs
VDD = 20V, Tj = 150°C
(see test circuit, Figure 29)
n-ch
p-ch
85
44
ns
ns
Qrr
Reverse Recovery Charge
n-ch
p-ch
85
68.2
nC
nC
IRRM
Reverse Recovery Current
n-ch
p-ch
2
3.1
A
A


Similar Part No. - STS4C3F60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STS4C3F30L VBSEMI-STS4C3F30L Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STS4C3F60L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTS3C3F30L KEXIN-KTS3C3F30L Datasheet
60Kb / 3P
   STripFET TM Power MOSFET
logo
STMicroelectronics
STS8C5H30L STMICROELECTRONICS-STS8C5H30L Datasheet
442Kb / 11P
   LOW GATE CHARGE StripFET III MOSFET
STSJ18NF3LL STMICROELECTRONICS-STSJ18NF3LL Datasheet
212Kb / 9P
   LOW GATE CHARGE STripFET II POWER MOSFET
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
   P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
   N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
   N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
STV40NE03L-20 STMICROELECTRONICS-STV40NE03L-20 Datasheet
90Kb / 8P
   N - CHANNEL 30V - 0.014ohm - 40A - PowerSO-10 STripFET MOSFET
STW55NE10 STMICROELECTRONICS-STW55NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.021ohm - 55A - TO247 STripFET POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com