Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3CP6025 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # A3CP6025
Description  COUGARPAK??AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

A3CP6025 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  A3CP6025 Datasheet HTML 1Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONSAREININCHES[MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
650-691-9800•Fax:650-962-6845•Updates:www.teledynemicrowave.com•microwave@teledyne.com
CougarPak™ Connectorized Package
(three-stage)
0.01 - 6.0 GHz
COUGARPAK™ AMPLIFIER
A3CP6025
Typical Values
A3CP6025
High Power Output
................................ +25.0dBm
High Gain
........................................
24.0 dB
High Third Order I.P.
...............................
+34 dBm
High Reverse Isolation.
............................
50 dB
High Performance Thin Film
Standard Three-stage CougarPak™ Package
Typical @ 25 °C
A3CP6025
Second Order Harmonic Intercept Point
..............
+60dBm
Second Order Two Tone Intercept Point
..............
+54dBm
Third Order Two Tone Intercept Point
................
+34dBm
Storage Temperature
.............................. -65to+150°C
Maximum Case Temperature
........................
+85°C
Maximum DC Voltage
.............................. +17Volts
Maximum Continuous RF Input Power
................ +18dBm
Maximum Short Term Input Power
(1MinuteMax.) ...... +22dBm
Maximum Peak Power
(3µsecMax.) .................. +25dBm
Burn-in Temperature
..............................
+85°C
Thermal Resistance1
(θjc) .......................... 16.5°C/Watt
Junction Temperature Rise Above Case
(Tjc) ..........
74.3°C
1
Thermalresistanceisbasedontotalpowerdissipation.
A3CP6025
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
0.01-6.0 GHz
0.01-6.0 GHz
0.01-6.0 GHz
*Measuredina50-ohmsystemat+15Vdcunlessotherwisespecified.
Small Signal Gain (Min.)
10-4500MHz
24.0dB
23.5dB
22.5dB
4500-6000MHz
22.5dB
21.0dB
20.5dB
Gain Flatness (Max.)
10-4500MHz
±1.1dB
±1.3dB
±1.4dB
4500-6000MHz
±1.1dB
±1.4dB
±1.6dB
Noise Figure (Max.)
50-3000MHz
5.5dB
6.0dB
6.5dB
3000-6000MHz
4.5dB
5.0dB
5.5dB
SWR (Max.)
Input10-6000MHz
1.8:1
2.2:1
2.4:1
Output10-4500MHz
2.0:1
2.6:1
2.8:1
4500-6000MHz
1.8:1
2.2:1
2.3:1
Power Output (Min.)
@1dBcomp.
+25.0dBm
+24.0dBm
+23.5dBm
Reverse Isolation
50dB
——
DC Current (Max.)
300mA
325mA
350mA
Rev12/15


Similar Part No. - A3CP6025

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A3CP2123 TELEDYNE-A3CP2123 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP3125 TELEDYNE-A3CP3125 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP7029 TELEDYNE-A3CP7029 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP8027 TELEDYNE-A3CP8027 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP8048 TELEDYNE-A3CP8048 Datasheet
291Kb / 2P
   COUGARPAK??AMPLIFIER
More results

Similar Description - A3CP6025

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A3CP8049 TELEDYNE-A3CP8049 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
A2CP14229 TELEDYNE-A2CP14229 Datasheet
105Kb / 1P
   COUGARPAK??AMPLIFIER
A2CP18615 TELEDYNE-A2CP18615 Datasheet
96Kb / 1P
   COUGARPAK??AMPLIFIER
A2CP14216 TELEDYNE-A2CP14216 Datasheet
152Kb / 2P
   COUGARPAK AMPLIFIER
A2CP16225 TELEDYNE-A2CP16225 Datasheet
99Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP2123 TELEDYNE-A3CP2123 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
A2CP16216 TELEDYNE-A2CP16216 Datasheet
104Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP8048 TELEDYNE-A3CP8048 Datasheet
291Kb / 2P
   COUGARPAK??AMPLIFIER
A2CP18212 TELEDYNE-A2CP18212 Datasheet
96Kb / 1P
   COUGARPAK??AMPLIFIER
A2CP18216 TELEDYNE-A2CP18216 Datasheet
104Kb / 1P
   COUGARPAK??AMPLIFIER
A3CP3125 TELEDYNE-A3CP3125 Datasheet
103Kb / 1P
   COUGARPAK??AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com