Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-1206FBA102ST Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # PE-1206FBA102ST
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-1206FBA102ST Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button PE-1206FBA102ST Datasheet HTML 3Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 4Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 5Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 6Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 7Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 8Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 9Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 10Page - Pulse A Technitrol Company PE-1206FBA102ST Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
WC706.C (01/16)
www.pulseelectronics.com
7. Packaging Information
CHIP FERRITE BEADS
7.1 Reel Dimension
7"x8mm
7"x12mm
A
B
D
C
2 0.5
120
Type
A(mm)
B(mm)
C(mm)
D(mm)
7”x8mm
10.0
±1.5
50 or more
13
±0.2
178
±2
7.2 Qty/reel
Chip Size
Chip/Reel
Reel Diameter
PE-01005FB
20000
178 x 8mm
PE-0201FB
15000
178 x 8mm
PE-0402HFB
10000
178 x 8mm
PE-0402FB
10000
178 x 8mm
PE-0603FB
4000
178 x 8mm
PE-0603HFB
4000
178 x 8mm
PE-0603PFB
4000
178 x 8mm
PE-0805FB
4000
178 x 8mm
PE-0805PFB
4000
178 x 8mm
PE-1206FHA
3000
178 x 8mm
PE-1206PFB
3000
178 x 8mm
PE-1806PFB
3000
178 x 8mm
Room Temp.
(C)
Room Humidity
(%)
Room atm
(hPa)
Tearing Speed
mm/min
5 35
45 85
860 1060
300
7.3 Tearing Off Force
The force for tearing off cover tape is 15 to 60 grams in the
arrow direction under the following conditions.
~
~
~
7


Similar Part No. - PE-1206FBA102ST

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-1206FT121GTG PULSE-PE-1206FT121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121GTS PULSE-PE-1206FT121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121GTT PULSE-PE-1206FT121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121JTG PULSE-PE-1206FT121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121JTS PULSE-PE-1206FT121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-1206FBA102ST

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com