Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

151031SS04000 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 151031SS04000
Description  WL-TMRC THT LED round mono-color color lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

151031SS04000 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  151031SS04000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 151031SS04000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1.8
1.7
1.6
1.5
1.4
1.3
1.2
REV
2015-03-23
2014-11-03
2014-03-17
2013-12-09
2013-10-08
2013-09-10
2013-04-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
HOe
ZAn
SSt
PLD
PLD
SSt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-TMRC THT LED round mono-color color
lens
Order.- No.
151031SS04000
SIZE
A4
Size: 3 mm
G1 Packaging Specification - Bulk [mm]:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 151031SS04000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
151031SS06000 WURTH-151031SS06000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
More results

Similar Description - 151031SS04000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
151031YS06000 WURTH-151031YS06000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151051YS04000 WURTH-151051YS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151051VS04000 WURTH-151051VS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031VS06000 WURTH-151031VS06000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031VS04000 WURTH-151031VS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031YS05900 WURTH-151031YS05900 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151051RS11000 WURTH-151051RS11000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151031SS06000 WURTH-151031SS06000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color lens
151051SS04000 WURTH-151051SS04000 Datasheet
1Mb / 9P
   WL-TMRC THT Mono-color Round Color
002.001
151051BS04000 WURTH-151051BS04000 Datasheet
1Mb / 9P
   WL-TMRC THT LED round mono-color color
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com