Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-1206FBA300ST Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-1206FBA300ST
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-1206FBA300ST Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-1206FBA300ST Datasheet HTML 1Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 2Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 3Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 4Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 5Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 6Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 7Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 8Page - Pulse A Technitrol Company PE-1206FBA300ST Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
CHIP FERRITE BEADS
1.0 Ferrite Beads
2.0 Parts Number Legend
It is known as absorptive beads, is more lossy and make good power filter networks because they are designed
to absorb high-frequency noise currents and dissipate it as heat. These beads have high impedance over wide high-
frequency bands, making them ideal as low-pass noise filters.
FREQUENCY (MHz)
Z = Impedance (ohm)
R = Real Part (resistance)
X = imaginary Part (inductance)
Structure
Application
Vcc
+
-
Ferrite Bead
Ferrite
Bead
Chipchoke™
Common Mode
Noise suppression
PE-0201
FB
121
S
T
A
PACKAGE STYLE
CORE MATERIAL
Impedance (
Ω)
TOLERANCE *
PACKAGE
Enhanced
FB = Ferrite Bead
121=120
J =
±5%
T = Tape & Reel
A = Alternative
01005, 0201,
0402, 0603,
0805, 1206
1806
FBA = Frequency Bead Array
* There is no tolerance option for these products.
HFB = High Frequency Ferrite Bead
S =
±25%
PFB = High Current Ferrite Bead
X = not apply
2


Similar Part No. - PE-1206FBA300ST

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-1206FT121GTG PULSE-PE-1206FT121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121GTS PULSE-PE-1206FT121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121GTT PULSE-PE-1206FT121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121JTG PULSE-PE-1206FT121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-1206FT121JTS PULSE-PE-1206FT121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-1206FBA300ST

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com