Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0201CC680JTT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-0201CC680JTT
Description  CERAMIC RF CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0201CC680JTT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-0201CC680JTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0201CC680JTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0201CC680JTT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WC705.B (12/14)
2
pulseelectronics.com
CERAMIC RF CHIP
INDUCTORS – 0201CC SERIES
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C
Part
Number
Inductance
(nH)
Standard
Tolerance
Q
(Min.)
Test
Frequency
(MHz)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0201CC390JTT
39
±5% (J)
4
100
1500
1.72
100
PE-0201CC470JTT
47
±5% (J)
4
100
1300
1.9
100
PE-0201CC560JTT
56
±5% (J)
4
100
1100
2.27
80
PE-0201CC680JTT
68
±5% (J)
4
100
1100
2.66
80
PE-0201CC820JTT
82
±5% (J)
4
100
1000
3.37
70
PE-0201CC101JTT
100
±5% (J)
4
100
900
3.74
60
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note
that inductance information is not stamped on part, because of the extremely
small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test
Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohm meter.
5. Based on a 15°C maximum temperature rise.
0201CC Series
Mechanical
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
0.024±0.001
0.006±0.002
0.15±0.05
(Unitinmm)
0.80
0.30
0.30
0.60±0.03
0.012±0.001
0.3±0.03
0.012±0.001
0.3±0.03


Similar Part No. - PE-0201CC680JTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0201FB PULSE-PE-0201FB Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
PE-0201FB220ST PULSE-PE-0201FB220ST Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
PE-0201FB330ST PULSE-PE-0201FB330ST Datasheet
2Mb / 17P
   CHIP FERRITE BEADS
PE-0201MCMC600ST PULSE-PE-0201MCMC600ST Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
PE-0201MCMC900ST PULSE-PE-0201MCMC900ST Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
More results

Similar Description - PE-0201CC680JTT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com