Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0805PFB Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-0805PFB
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0805PFB Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-0805PFB Datasheet HTML 1Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 2Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 3Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 4Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 5Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 6Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 7Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 8Page - Pulse A Technitrol Company PE-0805PFB Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
WC706.C (01/16)
www.pulseelectronics.com
CHIP FERRITE BEADS
3.0 Competitor Cross
ITEM
Pulse
TAIYO YUDEN
TDK
MURATA
Ferrite Bead Single
FB Series
BK & FBM Series
MMZ Series
BLMxxAG Series
BLMxxBD Series
BLMxxAX Series
Ferrite Bead Array
FBA Series
BKxxxx4S Series
MZA Series
BLA Series
GHz Ferrite Beads Single
HFB Series
FBMH Series
MMZ1005-E Series
BLMxxH Series
Power Ferrite Bead Single
PFB Series
BLMxxPG Series
4.0 Reliability and Test Condition
Item
Performance
Test Condition
Series No.
PE-01005FB/0201FB/0402FB/0603FB/0805FB/0402HFB/0603HFB/
1206FBA
Operating
-40
~+105�C
Temperature
(Including self-temperature rise)
Transportation
-40
~+125�C
Storage
Temperature
Impedance (Z)
Refer to standard electrical characteristics list
Agilent4291
Inductance (Ls)
AgilentE4991
Q Factor
Agilent4287
DC Resistance
Agilent16192
Rated Current
Agilent4338
DC Power Supply
Over Rated Current requirements
Temperature Rise
Rated Current < 1A
∆T 20�C Max
1. Applied the allowed DC current
Test
Rated Current
≥ 1A ∆T 20�C Max
2. Temperature measured by digital surface thermometer
Resistance to
Appearance: No damage
Preheat: 150�C, 60sec
Soldering Heat
Impedance: Within
±15% of initial value
Solder: Sn99.5%-Cu0.5%
Inductance: Within
±10% of initial value
Solder temperature: 260
±5�C
Q: Shall not exceed the specification value.
Flux for lead free: Rosin.9.5%
RDC: Shall not exceed the specification value.
Temperature ramp/immersion and immersion rate: 25
±6 mm/s
Dip time: 10
±1sec.
Depth: completely cover the termination.
260 C
150 C
Preheating Dipping Natural Cooling
60
second
10 1.0
second
3


Similar Part No. - PE-0805PFB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805C121GTG PULSE-PE-0805C121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0805C121GTS PULSE-PE-0805C121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0805C121GTT PULSE-PE-0805C121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0805C121JTG PULSE-PE-0805C121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0805C121JTS PULSE-PE-0805C121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-0805PFB

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com