Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-01005FB Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-01005FB
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-01005FB Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-01005FB Datasheet HTML 1Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 2Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 3Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 4Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 5Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 6Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 7Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 8Page - Pulse A Technitrol Company PE-01005FB Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
WC706.C (01/16)
www.pulseelectronics.com
CHIP FERRITE BEADS
Life Test
Appearance: No damage.
Preconditioning: Run through IR reflow for 2 times. (IPC/JEDEC
Impedance: within
±15% of initial value
J-STD-020D Classification Reflow Profiles)
Inductance: within
±10% of initial value
Temperature: 125
±2�C(bead),
Q: Shall not exceed the specification value
85
±2�C(inductor)
RDC: within
±15% of initial value and shall not exceed the
Applied current: rated current
specification value
Duration: 1000
±12hrs.
Measured at room temperature after placing for 24
±2 hrs.
Load Humidity
Preconditioning: Run through IR reflow for 2 times. (IPC/JEDEC
J-STD-020D Classification Reflow Profiles)
Humidity: 85
±2%R.H.
Temperature: 85
±2�C
Duration: 1000hrs Min. with 100% rated current.
Measured at room temperature after placing for 24
±2 hrs.
Thermal Shock
Appearance: no damage
Preconditioning: Run through IR reflow for 2 times. (IPC/JEDEC
Impedance: within
±15% of initial value
J-STD-020D Classification Reflow Profiles)
Inductance: within
±10% of initial value
Condition for 1 cycle
Q: Shall not exceed the specification value
Step1: -40
±2�C 30±5 min.
RDC: Shall not exceed the specification value
Step2: 25
±2�C≤30±0.5 min.
Step3: +105
±2�C 30±5 min.
Number of cycles: 500
Measured at room temperature after placing for 24
±2 hrs.
Insulation
IR>1G
Chip Inductor Only
Resistance
Test Voltage: 100
±10%V for 30Sec
Wave
For the ferrite chip bead which withstanding current
over 1.5A, as operating temperature over 85�C, the
derating current information is necessary to consider.
For the detail derating of current, please refer to the
Derated Current vs. perating Temperature curve.
6. Soldering
5. **Derating Curve
Mildly activated rosin fluxes are preferred. The termination are suitable for re-flow soldering systems. If hand
soldering cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
Note. If wave soldering is used, there will be some risk. Re-flow soldering temperatures below 240 degrees, there will
be non-wetting risk.
5


Similar Part No. - PE-01005FB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0201CC100JTT PULSE-PE-0201CC100JTT Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
PE-0201CC101JTT PULSE-PE-0201CC101JTT Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
PE-0201CC120JTT PULSE-PE-0201CC120JTT Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
PE-0201CC150JTT PULSE-PE-0201CC150JTT Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
PE-0201CC180JTT PULSE-PE-0201CC180JTT Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
More results

Similar Description - PE-01005FB

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com