Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0402CH1N2STT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-0402CH1N2STT
Description  Super Frequency Ceramic RF Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CH1N2STT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-0402CH1N2STT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0402CH1N2STT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0402CH1N2STT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WC702.C (12/14)
2
pulseelectronics.com
Super Frequency Ceramic RF
Chip Inductors - 0402CH Series
0402CH Series
Mechanicals
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
0.50±0.05
0.020±0.004
0.60±0.10
0.0236±0.004
1.0±0.05
0.040±0.004
0.175±0.075
0.0068±0.0029
0.8
0. 2~0. 3
110
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
1.5n
2.7n
4.7n
8.2n
15n
Impedance v.s. Frequency Characteristics
110100
1000
10000
FREQUENCY(MHz)
1
10
100
1.5n
2.7n
4.7n
8.2n
15n
Inductance v.s. FrequencyCharacteristics
110100
1000
10000
FREQUENCY(MHz)
1
10
100
1.5n
4.7n
15n
Qv.s.Frequency Characteristics
(Unitinmm)
1.50
0.55
0.40
Suggested PCB LAND PATTERN


Similar Part No. - PE-0402CH1N2STT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402C121GTG PULSE-PE-0402C121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121GTS PULSE-PE-0402C121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121GTT PULSE-PE-0402C121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121JTG PULSE-PE-0402C121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0402C121JTS PULSE-PE-0402C121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-0402CH1N2STT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com