Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ58A Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ58A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ58A Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ58A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ58A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ58A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ58A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ58A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ58A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0--SMBJ440CA
Document Number: SMB601AF
www.gmicroelec.com
3
Type
Dynamic
VWM
IRM
IPPM
VC
V
@IT
VWM
IPPM
Min
Max
mA
V
uA
A
V
SMBJ20
22.2
27.1
1.0
20
5.0
16.8
35.8
SMBJ20A
22.2
24.5
1.0
20
5.0
18.5
32.4
SMBJ22
24.4
29.8
1.0
22
5.0
15.2
39.4
SMBJ22A
24.4
26.9
1.0
22
5.0
16.9
35.5
SMBJ24
26.7
32.6
1.0
24
5.0
14.0
43.0
SMBJ24A
26.7
29.5
1.0
24
5.0
15.4
38.9
SMBJ26
28.9
35.3
1.0
26
5.0
12.9
46.6
SMBJ26A
28.9
31.9
1.0
26
5.0
14.3
42.1
SMBJ28
31.1
38.0
1.0
28
5.0
12.0
50.0
SMBJ28A
31.1
34.4
1.0
28
5.0
13.2
45.4
SMBJ30
33.3
40.7
1.0
30
5.0
11.2
53.5
SMBJ30A
33.3
36.8
1.0
30
5.0
12.4
48.4
SMBJ33
36.7
44.9
1.0
33
5.0
10.2
59.0
SMBJ33A
36.7
40.6
1.0
33
5.0
11.3
53.3
SMBJ36
40.0
48.9
1.0
36
5.0
9.3
64.3
SMBJ36A
40.0
44.2
1.0
36
5.0
10.3
58.1
SMBJ40
44.4
54.3
1.0
40
5.0
8.4
71.4
SMBJ40A
44.4
49.1
1.0
40
5.0
9.3
64.5
SMBJ43
47.8
58.4
1.0
43
5.0
7.8
76.7
SMBJ43A
47.8
52.8
1.0
43
5.0
8.6
69.4
SMBJ45
50.0
61.1
1.0
45
5.0
7.5
80.3
SMBJ45A
50.0
55.3
1.0
45
5.0
8.3
72.7
SMBJ48
53.3
65.1
1.0
48
5.0
7.0
85.5
SMBJ48A
53.3
58.9
1.0
48
5.0
7.8
77.4
SMBJ51
56.7
69.3
1.0
51
5.0
6.6
91.1
SMBJ51A
56.7
62.7
1.0
51
5.0
7.3
82.4
SMBJ54
60.0
73.3
1.0
54
5.0
6.2
96.3
SMBJ54A
60.0
66.3
1.0
54
5.0
6.9
87.1
SMBJ58
64.4
78.7
1.0
58
5.0
5.8
103
SMBJ58A
64.4
71.2
1.0
58
5.0
6.4
93.6
SMBJ60
66.7
81.5
1.0
60
5.0
5.6
107
SMBJ60A
66.7
73.7
1.0
60
5.0
6.2
96.8
SMBJ64
71.1
86.9
1.0
64
5.0
5.3
114
SMBJ64A
71.1
78.6
1.0
64
5.0
5.8
103
SMBJ70
77.8
95.1
1.0
70
5.0
4.8
125
SMBJ70A
77.8
86.0
1.0
75
5.0
5.3
113
SMBJ75
83.3
102
1.0
75
5.0
4.5
134
SMBJ75A
83.3
92.1
1.0
78
5.0
5.0
121
SMBJ78
86.7
106
1.0
78
5.0
4.3
139
SMBJ78A
86.7
95.8
1.0
78
5.0
4.8
126


Similar Part No. - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ58A MCC-SMBJ58A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Suntan Capacitors
SMBJ58A SUNTAN-SMBJ58A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Gude Electronic D...
SMBJ58A JGD-SMBJ58A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
SMBJ58A UNSEMI-SMBJ58A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMBJ58A SOCAY-SMBJ58A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com