Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03S121-K00S3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S121-K00S3
Description  RPC-3.50 ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S121-K00S3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S121-K00S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S121-K00S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
RPC-3.50
ADAPTOR
PLUG - JACK
03S121-K00S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-23
Mechanically compatible with
RPC-2.92 and SMA
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper Gold, min. 1.27 µm, over chemical nickel
Outer contact
Stainless steel
Passivated
Coupling nut
Stainless steel
Passivated
Dielectric
PS
Gasket
Silicone


Similar Part No. - 03S121-K00S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S121-K20S3 ROSENBERGER-03S121-K20S3 Datasheet
578Kb / 3P
   Calibration Adaptor Plug/Jack
More results

Similar Description - 03S121-K00S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S121-S00S3 ROSENBERGER-03S121-S00S3 Datasheet
64Kb / 2P
   RPC-3.50 ADAPTOR
03K121-K00S3 ROSENBERGER-03K121-K00S3 Datasheet
61Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-SR00S3 ROSENBERGER-03KR121-SR00S3 Datasheet
53Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-K0AS3 ROSENBERGER-03KR121-K0AS3 Datasheet
49Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-S0AS3 ROSENBERGER-03KR121-S0AS3 Datasheet
49Kb / 2P
   RPC-3.50 ADAPTOR
03K104-S00S3 ROSENBERGER-03K104-S00S3 Datasheet
82Kb / 2P
   ADAPTOR RPC-3.50 JACK ??RPC-SL PLUG
03K110-S21S3 ROSENBERGER-03K110-S21S3 Datasheet
997Kb / 3P
   Calibration Adaptor RPC-3.50 Jack ??RPC-SP Plug
03S105-S00S3 ROSENBERGER-03S105-S00S3 Datasheet
108Kb / 2P
   ADAPTOR RPC-3.50 PLUG ??RPC-N 50 PLUG
VA26-TP-3.50-60 ROSENBERGER-VA26-TP-3.50-60 Datasheet
93Kb / 2P
   TEST CABLE SET RPC-3.50 / RPC-3.50
VA26-3.50M-3.50F-60 ROSENBERGER-VA26-3.50M-3.50F-60 Datasheet
93Kb / 2P
   TEST CABLE SET RPC-3.50 / RPC-3.50
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com