Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70-G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV70-G
Description  Small Signal Switching Diode, Dual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV70-G Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV70-G Datasheet HTML 1Page - Vishay Siliconix BAV70-G Datasheet HTML 2Page - Vishay Siliconix BAV70-G Datasheet HTML 3Page - Vishay Siliconix BAV70-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV70-G
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 16-May-13
1
Document Number: 85420
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode, Dual
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.1 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• Silicon Epitaxial Planar Diode
• Fast switching dual diode with common cathode
• AEC-Q101 qualified
• Base P/N-G3 - green, commercial grade
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Note
(1) Device on fiberglass substrate
Note
(1) Device on fiberglass substrate
18108
12
3
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
BAV70-G
BAV70-G3-08 or BAV70-G3-18
Dual diodes common cathode
JJG
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Peak reverse voltage
VRRM
70
V
Reverse voltage
VR
70
V
Forward current (continuous)
IF
250
mA
Non repetitive peak forward current
tp = 1 μs
IFSM
2A
tp = 1 ms
IFSM
1A
tp = 1 s
IFSM
0.5
A
Power dissipation (1)
Ptot
350
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
430
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating temperature range
Top
- 55 to + 150
°C


Similar Part No. - BAV70-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV70-G VISHAY-BAV70-G Datasheet
98Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.2, 13-Feb-18
BAV70-G VISHAY-BAV70-G Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV70-G VISHAY-BAV70-G_V01 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
01-Jan-2022
More results

Similar Description - BAV70-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.3, 17-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.5, 15-May-13
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.6, 09-Jul-04
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.5, 13-Feb-18
BAW56-G VISHAY-BAW56-G Datasheet
90Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.1, 25-Jun-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com