Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14586 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA14586
Description  Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14586 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA14586 Datasheet HTML 1Page - Dialog Semiconductor DA14586 Datasheet HTML 2Page - Dialog Semiconductor DA14586 Datasheet HTML 3Page - Dialog Semiconductor DA14586 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dialog-semiconductor.com/bluetoothlowenergy
SoC Features
• Complies with Bluetooth 5.0, ETSI EN 300 328 and EN 300 440 Class 2 (Europe), FCC CFR47
Part 15 (US) and ARIB STD-T66 (Japan)
• Supports up to 8 Bluetooth LE connections
• Fast cold boot in less than 50 ms
• Processing units
-
16 MHz 32 bit ARM Cortex-M0 with SWD interface
-
Dedicated Link Layer Processor
-
AES-128 bit encryption Processor
• Memories
-
2 Mb FLASH memory
-
64 kB One-Time-Programmable (OTP) memory
-
96 kB Data/Retention SRAM
-
128 kB ROM Operating System and protocol stack
• Power management
-
Integrated Buck DCDC converter
-
P0, P1, P2 and P3 ports with 3.3 V tolerance
-
Easy decoupling of only 4 supply pins
-
Supports coin and alkaline battery cells
-
1.8 V cold boot support-buck mode
-
10-bit ADC for battery voltage measurement
• Digital controlled oscillators
-
16 MHz crystal (±20 ppm max) and RC oscillator
-
32 kHz crystal (±50 ppm)
-
RCX oscillator(±500 ppm max)
• Flexible Reset Circuitry
-
System & Power On Reset in a single pin
• General purpose, Capture and Sleep timers
-
Digital interfaces
-
Gen. purpose I/Os: 24 (QFN40)
-
2 UARTs with hardware flow control maximum data rate 1.0 Mbps
-
SPI+™ interface
-
I²C bus at 100 kHz, 400 kHz
-
3-axes capable Quadrature Decoder
• Analog interfaces
-
4-channel 10-bit ADC


Similar Part No. - DA14586

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
logo
Dialog Semiconductor
DA14580-01A31 DIALOG-DA14580-01A31 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14580-01A32 DIALOG-DA14580-01A32 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14580-01AT1 DIALOG-DA14580-01AT1 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
More results

Similar Description - DA14586

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14585 DIALOG-DA14585 Datasheet
567Kb / 4P
   Smallest, lowest power and most integrated Bluetooth 5 SoC
logo
STMicroelectronics
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
   BLUETOOTH BASEBAND WITH INTEGRATED FLASH
STLC2416 STMICROELECTRONICS-STLC2416 Datasheet
251Kb / 27P
   BLUETOOTH BASEBAND WITH INTEGRATED FLASH
STA2416 STMICROELECTRONICS-STA2416 Datasheet
421Kb / 38P
   Bluetooth??Baseband with integrated flash
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
Micrel Semiconductor
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Core Technology (Shenzh...
CST92F30 CHIPSEA-CST92F30 Datasheet
3Mb / 105P
   highly integrated Bluetooth 5.0 low energy SOC device
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com