Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9063-xxHO2-AT Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA9063-xxHO2-AT
Description  System PMIC for Mobile Application Processors
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063-xxHO2-AT Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA9063-xxHO2-AT Datasheet HTML 5Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 6Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 7Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 8Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 9Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 10Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 11Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 12Page - Dialog Semiconductor DA9063-xxHO2-AT Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
9 of 219
© 2017 Dialog Semiconductor
Regulator
Supplied Pins
Supplied
Voltage
(V)
Supplied
Max.
Current
(mA)
External
Component
Notes
BUCKPERI
VBUCKPERI
0.8 to
3.34
1500
1.0 µH/
44 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps
LDO1
VLDO1
0.6 to
1.86
100
1.0 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps
Optional voltage tracking
of BUCKCORE or
BUCKPRO
LDO2
VLDO2
0.6 to
1.86
200
2.2 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps
LDO3
VLDO3
0.9 to
3.44
200
2.2 µF
Bypass mode
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps
LDO4
VLDO4
0.9 to
3.44
200
2.2 µF
Bypass mode
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps
LDO5
VLDO5
0.9 to 3.6
100
1.0 µF
50 mV steps
LDO6
VLDO6
0.9 to 3.6
200
2.2 µF
Low noise
50 mV steps
LDO7
VLDO7
0.9 to 3.6
200
2.2 µF
Bypass mode
50 mV steps
Common supply with
LDO8
LDO8
VLDO8
0.9 to 3.6
200
2.2 µF
Bypass and switching
vibration motor driver
mode
50 mV steps
Common supply with
LDO7
LDO9
VLDO9
0.95 to
3.6
200
2.2 µF
Low noise
50 mV steps
OTP trimmed
Common supply with
LDO10


Similar Part No. - DA9063-xxHO2-AT

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
DA9063-EVAL APEX-DA9063-EVAL Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - DA9063-xxHO2-AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com