Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14583-01F01AT1 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA14583-01F01AT1
Description  Bluetooth Low Energy 4.2 SoC with Flash Memory
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583-01F01AT1 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA14583-01F01AT1 Datasheet HTML 7Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 8Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 9Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 10Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 11Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 12Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 13Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 14Page - Dialog Semiconductor DA14583-01F01AT1 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 150 page
background image
Datasheet
Revision 3.0
04-Nov-2016
CFR0011-120-01
11 of 150
© 2014 Dialog Semiconductor
DA14583
Bluetooth Low Energy 4.2 SoC with Flash Memory
FINAL
4.4 FUNCTIONAL MODES
The DA14583 is optimized for deeply embedded appli-
cations such as health monitoring, sports measuring,
human interaction devices etc. Customers are able to
develop and test their own applications. Upon comple-
tion of the development, the application code can be
programmed into the Flash memory. In general, the
system has three functional modes of operation:
A. Development Mode: During this phase application
code is developed using the ARM Cortex-M0 SW envi-
ronment. The compiled code is then downloaded into
the System RAM or any Retention RAMs by means of
SWD (JTAG) or any serial interface (e.g. UART).
Address 0x00 is remapped to the physical memory that
contains the code and the CPU is configured to reset
and execute code from the remapped device. This
mode is enabling application development, debugging
and on-the-fly testing.
B. Normal Mode: When the application is ready and
has been verified, the code can be burned into the
embedded Flash memory. When the system boots/
wakes up, the DMA of the OTP controller will automati-
cally copy the secondary boot loader from OTP to sys-
tem RAM. This boot loader then copies the content of
the Flash memory into system RAM. Next, a software
reset or a jump to the system RAM occurs and execu-
tion of the application code is started. Hence, in this
mode the system is autonomous, contains the required
software in the Flash memory and is ready for integra-
tion into the final product.
C. Calibration Mode: Between Development and Nor-
mal mode, there is an intermediate stage where the
chip needs to be calibrated with respect to two impor-
tant features:
• Programming of the Bluetooth device address
• Programming of the trimming value for the external
16 MHz crystal.
This mode of operation applies to the final product and
is performed by the customer. During this phase, cer-
tain fields in the OTP should be programmed
4.5 POWER MODES
The DA14583 supports three different power modes:
• Active mode: System is active and operates at full
speed.
• Sleep mode: No power gating has been pro-
grammed, the ARM CPU is idle, waiting for an inter-
rupt. PD_SYS is on. PD_PER and PED_RAD
depending on the programmed enabled value.
• Extended Sleep mode: All power domains are off
except for the PD_AON, the programmed PD_RRx
and the PD_SR. Since the SysRAM retains its data,
no OTP/Flash mirroring is required upon waking up
the system.
4.6 INTERFACES
4.6.1 UARTs
The UART is compliant to the industry-standard 16550
and is used for serial communication with a peripheral,
modem (data carrier equipment, DCE) or data set.
Data is written from a master (CPU) over the APB bus
to the UART and it is converted to serial form and
transmitted to the destination device. Serial data is also
received by the UART and stored for the master (CPU)
to read back.
There is no DMA support on the UART block since its
contains internal FIFOs. Both UARTs support hardware
flow control signals (RTS, CTS, DTR, DSR).
Features
• 16 bytes Transmit and receive FIFOs
• Hardware flow control support (CTS/RTS)
• Shadow registers to reduce software overhead and
also include a software programmable reset
• Transmitter Holding Register Empty (THRE) inter-
rupt mode
• IrDA 1.0 SIR mode supporting low power mode.
• Functionality based on the 16550 industry standard:
• Programmable character properties, such as num-
ber of data bits per character (5-8), optional
• parity bit (with odd or even select) and number of
stop bits (1, 1.5 or 2)
• Line break generation and detection
• Prioritized interrupt identification
• Programmable serial data baud rate as calculated
by the following: baud rate = (serial clock frequency)/
(divisor).
4.6.2 SPI+
This interface supports a subset of the Serial Periph-
eral Interface SPITM. The serial interface can transmit
and receive 8, 16 or 32 bits in master/slave mode and
transmit 9 bits in master mode. The SPI + interface has
enhanced functionality with bidirectional 2x16-bit word
FIFOs.
SPI™ is a trademark of Motorola, Inc.
Features
• Slave and Master mode
• 8 bit, 9 bit, 16 bit or 32 bit operation
• Clock speeds upto 16 MHz for the SPI controller.
Programmable output frequencies of SPI source
clock divided by 1, 2, 4, 8
• SPI clock line speed up to 8 MHz
• SPI mode 0, 1, 2, 3 support (clock edge and phase)


Similar Part No. - DA14583-01F01AT1

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
Renesas Technology Corp
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
   Revision History
04-Jan-2022
More results

Similar Description - DA14583-01F01AT1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Dialog Semiconductor
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
logo
Renesas Technology Corp
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com