Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14580-01AT2 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # DA14580-01AT2
Description  Bluetooth Low Energy 4.2 SoC
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580-01AT2 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button DA14580-01AT2 Datasheet HTML 3Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 4Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 5Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 6Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 7Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 8Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 9Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 10Page - Dialog Semiconductor DA14580-01AT2 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
7 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
Analog Interface
ADC[0]
AI
INPUT. Analog to Digital Converter input 0. Mapped on P0[0]
ADC[1]
AI
INPUT. Analog to Digital Converter input 1. Mapped on P0[1]
ADC[2]
AI
INPUT. Analog to Digital Converter input 2. Mapped on P0[2]
ADC[3]
AI
INPUT. Analog to Digital Converter input 3. Mapped on P0[3]
Radio Transceiver
RFIOp
AIO
RF input/output. Impedance 50

RFIOm
AIO
RF ground
Miscellaneous
RST
DI
INPUT. Reset signal (active high). Must be connected to GND if
not used.
VBAT_RF
AIO
Connect to VBAT3V on the PCB
VDCDC_RF
AIO
Connect to VDCDC on the PCB
VPP
AI
INPUT. This pin is used while OTP programming and testing.
OTP programming: VPP = 6.7 V ± 0.1 V
OTP Normal operation: leave VPP floating
Power Supply
VBAT3V
AIO
INPUT/OUTPUT. Battery connection. Used for a single coin bat-
tery (3 V). If an alkaline or a NiMH battery (1.5 V) is attached to
pin VBAT1V, this is the second output of the DC-DC converter.
VBAT1V
AI
INPUT. Battery connection. Used for an alkaline or a NiMh bat-
tery (1.5 V). If a single coin battery (3 V) is attached to pin
VBAT3V,this pin must be connected to GND.
SWITCH
AIO
INPUT/OUTPUT. Connection for the external DC-DC converter
inductor.
VDCDC
AO
Output of the DC-DC converter
GND
AIO
-
-
Ground
Table 1: Pin Description
Pin Name
Type
Drive
(mA)
Reset
State
Description


Similar Part No. - DA14580-01AT2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
More results

Similar Description - DA14580-01AT2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
   Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com