Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1431 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SFT1431
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1431 Datasheet(HTML) 2 Page - ON Semiconductor

  SFT1431 Datasheet HTML 1Page - ON Semiconductor SFT1431 Datasheet HTML 2Page - ON Semiconductor SFT1431 Datasheet HTML 3Page - ON Semiconductor SFT1431 Datasheet HTML 4Page - ON Semiconductor SFT1431 Datasheet HTML 5Page - ON Semiconductor SFT1431 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SFT1431
No.A1624-2/6
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
35
V
Zero-Gate Voltage Drain Current
IDSS
VDS=35V, VGS=0V
1
μA
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transconductance
gFS
VDS=10V, ID=5.5A
5
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=5.5A, VGS=10V
19
25
m
Ω
RDS(on)2
ID=3A, VGS=4.5V
28
39.5
m
Ω
RDS(on)3
ID=3A, VGS=4V
35
49
m
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
960
pF
Output Capacitance
Coss
130
pF
Reverse Transfer Capacitance
Crss
84
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
12
ns
Rise Time
tr
40
ns
Turn-OFF Delay Time
td(off)
60
ns
Fall Time
tf
36
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=11A
17.3
nC
Gate to Source Charge
Qgs
3.2
nC
Gate to Drain “Miller” Charge
Qgd
3.6
nC
Forward Diode Voltage
VSD
IS=11A, VGS=0V
0.88
1.2
V
Switching Time Test Circuit
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=5.5A
RL=2.7Ω
VDD=15V
VOUT
VIN
10V
0V
VIN
SFT1431


Similar Part No. - SFT1431

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1431 SANYO-SFT1431 Datasheet
91Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
SFT1431 ONSEMI-SFT1431 Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1431-H ONSEMI-SFT1431-H Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
More results

Similar Description - SFT1431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com