Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1342-W Datasheet(PDF) 5 Page - ON Semiconductor

Part # SFT1342-W
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1342-W Datasheet(HTML) 5 Page - ON Semiconductor

  SFT1342-W Datasheet HTML 1Page - ON Semiconductor SFT1342-W Datasheet HTML 2Page - ON Semiconductor SFT1342-W Datasheet HTML 3Page - ON Semiconductor SFT1342-W Datasheet HTML 4Page - ON Semiconductor SFT1342-W Datasheet HTML 5Page - ON Semiconductor SFT1342-W Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFT1342
No.A1559-5/6
Package Dimensions
SFT1342-TL-E/ SFT1342-TL-W
DPAK/TP-FA
unit : mm
1:Gate
2:Drain
3:Source
4:Drain
Recommended
Soldering Footprint
4
1
2
3
7.0
1.5
2.3
2.3


Similar Part No. - SFT1342-W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1342-E ONSEMI-SFT1342-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
logo
SHENZHEN DOINGTER SEMIC...
SFT1342-E DOINGTER-SFT1342-E Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
logo
VBsemi Electronics Co.,...
SFT1342-TL-E VBSEMI-SFT1342-TL-E Datasheet
977Kb / 8P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - SFT1342-W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com