Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJ11B-MBSAO-A-B-ELU2 Datasheet(PDF) 11 Page - Abracon Corporation

Part # ARJ11B-MBSAO-A-B-ELU2
Description  RJ45 10/100 Base-T Jack with Magnetic Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11B-MBSAO-A-B-ELU2 Datasheet(HTML) 11 Page - Abracon Corporation

Back Button ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 3Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 4Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 5Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 6Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 7Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 8Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 9Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 10Page - Abracon Corporation ARJ11B-MBSAO-A-B-ELU2 Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RJ45 10/100 Base-T Jack with Magnetic Module
|||||||||||| | | |
ARJ11B
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.21.11
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59mm
RoHS
Compliant
REFLOW PROFILE
TAPE & REEL:
Packing
60pcs/tray
Packaging material: PET
29.5±0.5
1.90±0.2
Outer carton unit 1320 pcs/ 22 Trays/box
Dimensions: cm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Peak temperature(Tp) : 250 ± 10℃
Peak temperature(Tp) time : 5sec max


Similar Part No. - ARJ11B-MBSAO-A-B-ELU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11B-MBSAO-A-B-ELU2 ABRACON-ARJ11B-MBSAO-A-B-ELU2 Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MBSAO-A-B-ELU2 ABRACON-ARJ11B-MBSAO-A-B-ELU2 Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
More results

Similar Description - ARJ11B-MBSAO-A-B-ELU2

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11G ABRACON-ARJ11G Datasheet
2Mb / 3P
   10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11B ABRACON-ARJ11B Datasheet
15Mb / 11P
   10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11D ABRACON-ARJ11D Datasheet
6Mb / 5P
   10/100 Base-T Jack with Magnetic Module
05.03.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com