Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJP11A-MBSB-A Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARJP11A-MBSB-A
Description  RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJP11A-MBSB-A Datasheet(HTML) 1 Page - Abracon Corporation

  ARJP11A-MBSB-A Datasheet HTML 1Page - Abracon Corporation ARJP11A-MBSB-A Datasheet HTML 2Page - Abracon Corporation ARJP11A-MBSB-A Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 10/100 base-TX LAN
• NIC, LoM and PC
• PoE
• Available with or without LED
• Suitable CAT 5 & 6 cable and UTP
• Comply IEEE 802.3ab
• LAN Magnetic with RJ45
• Suitable for RoHS compliant reflow
APPLICATIONS:
FEATURES:
Operating temperature range: 0ºC to +70ºC Storage temperature range: -40ºC to+85ºC
OPTIONS AND PART IDENTIFICATION
RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 05.13.16
Visit www.abracon.com for Terms & Conditions of Sale
16.26 x 13.84 x 21.59 mm
RoHS
Compliant
STANDARD SPECIFICATIONS at 25oC
ARJP11A
ARJP11A -
- - -
Mechanical
Schematic
Left LED color
Right LED
color
LED
polarity
Turns Ratio
(Tx)
Turns Ratio
(Rx)
Gold
plating
(e.g. B for
Yellow,
(e.g. B for
Yellow,
AB for Green-
Yellow)
AB for Green-
Yellow)
MA, MB
(Please see
mechanical
section)
SA, SB
(Please see
schematic
section)
Blank: No LED
Blank: No LED
Blank: No
LED
K: 1CT:1.41
S: 1CT:1.41
1: 3u “
A: Green
A: Green
E, F
(Please see
7.0 LED
polarity
section)
L: 1CT:1
T: 1CT:1
2: 6u “
B: Yellow
B: Yellow
M: 1CT:1CT
U: 1CT:1CT
3: 15u “
C: Amber
C: Amber
N: 1.414:1CT
V: 1.414:1CT
4: 30u “
D: Orange
D: Orange
O: 1CT:1.41CT
W:1CT:1.41CT
5: 50u “
P: 1:2CT
X: 1:2CT
Q: 1:1.414CT
Y: 1:1.414CT
R: 1CT:2.5
Z: 1CT:2.5
Part Number
Turns
Ratio ± 3%
EMI
Fingers
LEDs
Insertion
Loss
(dB max)
Return Loss (dB MIN @100Ω)
TX
RX
L/R
0.3- 100
MHz
0.5- 30
MHz
40 MHz
50 MHz
60 – 80
MHz
ARJP11A-MASA-B-A-EMU2
1CT:1CT
1CT:1CT
YES
Y/G
-1.1
-18
-15.5
-13.6
-12
ARJP11A-MASA-B-A-FMU2
1CT:1CT
1CT:1CT
YES
Y/G
-1.1
-18
-15.5
-13.6
-12
ARJP11A-MBSB-A-B-EMU2
1CT:1CT
1CT:1CT
YES
G/Y
-1.1
-18
-15.5
-13.6
-12
ARJP11A-MBSB-A-B-FMU2
1CT:1CT
1CT:1CT
YES
G/Y
-1.1
-18
-15.5
-13.6
-12
Part Number
Crosstalk
(dB TYP)
Common Mode
Rejection (dB TYP)
Hipot
(Vrms min)
0.3 - 100
MHz
0.3 - 30
MHz
30 - 60
MHz
60 - 100
MHz
ARJP11A-MASA-B-A-EMU2
-38
-50
-40
-30
1500
ARJP11A-MASA-B-A-FMU2
-38
-50
-40
-30
1500
ARJP11A-MBSB-A-B-EMU2
-38
-50
-40
-30
1500
ARJP11A-MBSB-A-B-FMU2
-38
-50
-40
-30
1500
Contact Abracon for more custom configurations. See options to build a custom configuration.


Similar Part No. - ARJP11A-MBSB-A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJP11A-MBSB-A-B-EMU2 ABRACON-ARJP11A-MBSB-A-B-EMU2 Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A-B-FMU2 ABRACON-ARJP11A-MBSB-A-B-FMU2 Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
More results

Similar Description - ARJP11A-MBSB-A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJP11B ABRACON-ARJP11B Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A ABRACON-ARJP11A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11C ABRACON-ARJP11C Datasheet
2Mb / 4P
   RJ45 10/100 Base-T Jack with Magnetic Module and PoE
04.18.16
ARJP11C-MASD-AB ABRACON-ARJP11C-MASD-AB Datasheet
2Mb / 4P
   RJ45 10/100 Base-T Jack with Magnetic Module and PoE
04.18.16
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJU21A ABRACON-ARJU21A Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
ARJU21A-MCSA-AD ABRACON-ARJU21A-MCSA-AD Datasheet
3Mb / 5P
   RJ45 Single USB Jack with 10/100 Base-TX Magnetic
01.23.14
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com