Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJC01-111002AR Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJC01-111002AR
Description  10/100 Base-Tx Tap Up RJ45 with LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJC01-111002AR Datasheet(HTML) 2 Page - Abracon Corporation

  ARJC01-111002AR Datasheet HTML 1Page - Abracon Corporation ARJC01-111002AR Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHEMATICS
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.23.13
Visit www.abracon.com for Terms & Conditions of Sale
16.2 x 13.55 x 25.3mm
RoHS/RoHS II Compliant
Peak temperature(Tp) time : 5sec max
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
PACKING:
Packing: (100pcs/tray)
Dimensions: mm
10/100 Base-Tx Tap Up RJ45 with LED
ARJC01-111002AR


Similar Part No. - ARJC01-111002AR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJC01-111002L ABRACON-ARJC01-111002L Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Up RJ45 with LED
08.16.2016
ARJC01-111002T ABRACON-ARJC01-111002T Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Up RJ45 with LED
12.23.13
More results

Similar Description - ARJC01-111002AR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJC01-111002T ABRACON-ARJC01-111002T Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Up RJ45 with LED
12.23.13
ARJC01-111002L ABRACON-ARJC01-111002L Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Up RJ45 with LED
08.16.2016
ARJC07-111071A ABRACON-ARJC07-111071A Datasheet
1Mb / 2P
   Vertical 10/100 Base-Tx Tap Up RJ45 with LED
12.26.13
ARJC02-111006E ABRACON-ARJC02-111006E Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Down RJ45 with LED
12.26.13
ARJC02-111006K ABRACON-ARJC02-111006K Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Down RJ45 with LED
12.26.13
ARJC02-111009D ABRACON-ARJC02-111009D Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Down RJ45 with LED
04.02.15
ARJC02-111008B ABRACON-ARJC02-111008B Datasheet
1Mb / 2P
   10/100 Base-Tx Tap Down RJ45 with LED
12.26.13
logo
Premier Magnetics, Inc.
RJ45-102DYD2 PMI-RJ45-102DYD2 Datasheet
1Mb / 5P
   RJ45 10/100/1000 BASE-TX WITH DUAL USB
logo
VITALCONN ELECTRONICS H...
J14HG2113DLA1 VITALCONN-J14HG2113DLA1 Datasheet
596Kb / 3P
   1000 BASE-T RJ45 CONNECTOR 1X4 TAP UP WITH LED
REV: A
logo
Abracon Corporation
ARJE-0034 ABRACON-ARJE-0034 Datasheet
3Mb / 3P
   RJ45, Single Port, Tap Up, SMD, 100 Base-T
11.19.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com