Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60CPF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 60CPF
Description  Vishay High Power Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CPF Datasheet(HTML) 6 Page - Vishay Siliconix

  60CPF Datasheet HTML 1Page - Vishay Siliconix 60CPF Datasheet HTML 2Page - Vishay Siliconix 60CPF Datasheet HTML 3Page - Vishay Siliconix 60CPF Datasheet HTML 4Page - Vishay Siliconix 60CPF Datasheet HTML 5Page - Vishay Siliconix 60CPF Datasheet HTML 6Page - Vishay Siliconix 60CPF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94105
6
Revision: 05-Jun-08
60EPF..PbF, 60CPF..PbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 60 A
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95001
Part marking information
http://www.vishay.com/doc?95006
1
-
Current rating (60 = 60 A)
2
-
Circuit configuration:
E = Single diode
C = Single diode, 3 pins
3
-
Package:
P = TO-247AC modified
4
-
Type of silicon:
F = Fast recovery
5
-
Voltage code x 100 = VRRM
6
-
None = Standard production
PbF = Lead (Pb)-free
10 = 1000 V
12 = 1200 V
Device code
5
13
24
6
60
E
P
F
12
PbF


Similar Part No. - 60CPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPF VISHAY-60CPF Datasheet
205Kb / 7P
   Vishay High Power Products
Revision: 09-Dec-09
logo
International Rectifier
60CPF02 IRF-60CPF02 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
60CPF04 IRF-60CPF04 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
60CPF06 IRF-60CPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
60CPF10 IRF-60CPF10 Datasheet
217Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 60CPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETFFP VISHAY-20ETFFP Datasheet
290Kb / 7P
   Vishay High Power Products
Revision: 12-Jun-08
20ETFS VISHAY-20ETFS Datasheet
186Kb / 7P
   Vishay High Power Products
Revision: 22-Oct-08
60EPS VISHAY-60EPS Datasheet
127Kb / 6P
   Vishay High Power Products
Revision: 25-Aug-08
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
   Vishay High Power Products
Revision: 07-Jul-09
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
   Vishay High Power Products
Revision: 12-Jun-08
60EPF VISHAY-60EPF Datasheet
205Kb / 7P
   Vishay High Power Products
Revision: 09-Dec-09
80EPFPBF VISHAY-80EPFPBF Datasheet
209Kb / 8P
   Vishay High Power Products
Revision: 05-Jun-08
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
   High Power Products
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
   Vishay Semiconductors
Rev. 1.7, 31-Aug-04
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
   Vishay Siliconix
Rev. D, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com