Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETSS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20ETSS
Description  Input Rectifier Diode, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETSS Datasheet(HTML) 3 Page - Vishay Siliconix

  20ETSS Datasheet HTML 1Page - Vishay Siliconix 20ETSS Datasheet HTML 2Page - Vishay Siliconix 20ETSS Datasheet HTML 3Page - Vishay Siliconix 20ETSS Datasheet HTML 4Page - Vishay Siliconix 20ETSS Datasheet HTML 5Page - Vishay Siliconix 20ETSS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93501
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 28-Jul-08
3
20ETS...S High Voltage Series
Input Rectifier Diode, 20 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
10
120
110
100
130
140
150
Average Forward Current (A)
46
8
210 12
20 22
14 16 18
0
30°
60°
90° 120°
180°
20ETS.. Series
R
thJC (DC) = 1.3 °C/W
Conduction angle
Ø
90
140
150
130
120
110
100
Average Forward Current (A)
10
515
20
30
35
25
0
DC
30°
60°
90°
120°
180°
20ETS.. Series
R
thJC (DC) = 1.3 °C/W
Ø
Conduction period
0
5
20
25
30
15
10
Average Forward Current (A)
4
20
24
8
12
16
0
RMS limit
180°
120°
90°
60°
30°
20ETS.. Series
T
J = 150 °C
Conduction angle
Ø
0
30
35
25
20
15
10
5
Average Forward Current (A)
20
25
510
15
0
DC
180°
120°
90°
60°
30°
RMS limit
20ETS.. Series
T
J = 150 °C
Ø
Conduction period
50
300
250
200
150
100
Number of Equal Amplitude Half
Cycle Current Pulse (N)
10
100
1
20ETS.. Series
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
50
300
250
200
150
100
Pulse Train Duration (s)
0.1
1
0.01
20ETS.. Series
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied


Similar Part No. - 20ETSS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS IRF-20ETS Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS08 IRF-20ETS08 Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS08 IRF-20ETS08 Datasheet
179Kb / 7P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS08 ISC-20ETS08 Datasheet
238Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
20ETS08FP IRF-20ETS08FP Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
More results

Similar Description - 20ETSS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
20ETS08SPBF VISHAY-20ETS08SPBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-10
20ETS16PBF VISHAY-20ETS16PBF Datasheet
167Kb / 6P
   Input Rectifier Diode, 20 A
Revision: 02-Nov-10
VS-20ETS-M3 VISHAY-VS-20ETS-M3 Datasheet
219Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
01-Jan-2022
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF Datasheet
147Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 12-Feb-16
VS-20ETS16THM3 VISHAY-VS-20ETS16THM3 Datasheet
164Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
20ETS08PBF VISHAY-20ETS08PBF Datasheet
228Kb / 9P
   High Voltage Input Rectifier Diode, 20 A
Revision: 18-Aug-11
VS-20ETS12THM3 VISHAY-VS-20ETS12THM3 Datasheet
212Kb / 8P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETS16-M3 VISHAY-VS-20ETS16-M3 Datasheet
162Kb / 6P
   High Voltage, Input Rectifier Diode, 20 A
Revision: 16-Oct-17
VS-20ETSFPPBF VISHAY-VS-20ETSFPPBF_V01 Datasheet
122Kb / 7P
   High Voltage, Input Rectifier Diode, 20 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com