Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF05G1-1P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RSF05G1-1P
Description  LOW POWER SWITCHING AND CONTROL APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RSF05G1-1P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RSF05G1-1P Datasheet HTML 1Page - Toshiba Semiconductor RSF05G1-1P Datasheet HTML 2Page - Toshiba Semiconductor RSF05G1-1P Datasheet HTML 3Page - Toshiba Semiconductor RSF05G1-1P Datasheet HTML 4Page - Toshiba Semiconductor RSF05G1-1P Datasheet HTML 5Page - Toshiba Semiconductor RSF05G1-1P Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RSF05G1−1P,RSF05G1−3P,RSF05G1−5P
2001-07-10
1
TOSHIBA THYRISITOR SILICON PLANAR TYPE
RSF05G1−1P,RSF05G1−3P,RSF05G1−5P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage
: VDRM = 400V
Repetitive Peak Reverse Voltage
: VRRM = 400V
l Average On−State Current
: IT (AV) = 500mA
l Plastic Mold Type
l Reduce a Quantity of Parts and Manufacturing
Process Because of Built-in RGK
: RGK = 1kΩ, 2.7kΩ, 5.1kΩ
(Typical)
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
RSF05G1−1P
400
RSF05G1−3P
400
Repetitive Peak
Off−State Voltage and
Repetitive Peak
Reverse Voltage
RSF05G1−5P
VDRM
VRRM
400
V
RSF05G1−1P
500
RSF05G1−3P
500
Non−Repetitive Peak
Reverse Voltage
(Non−Repetitive<
5ms, Tj = 0~125°C)
RSF05G1−5P
VDSM
500
V
Average On−State Current
(Half Sine Waveform)
IT(AV)
500
mA
R.M.S. On−State Current
IT(RMS)
800
mA
9 (50Hz)
Peak One Cycle Surge On−State
Current (Non−Repetitive)
ITSM
10 (60Hz)
A
I
2
t Limit Value
I
2
t
0.4
A
2
s
Critical Rate of Rise of On−State
Current
di / dt
10
A / µs
Peak Gate Power Dissipation
PGM
0.1
W
Average Gate Power Dissipation
PG(AV)
0.01
W
Peak Forward Gate Voltage
VFGM
3.5
V
Peak Reverse Gate Voltage
VRGM
−5
V
Peak Forward Gate Current
IGM
125
mA
Junction Temperature
Tj
−40~125
°C
Storage Temperature
Tstg
−40~125
°C
Note:
di / dt Test Condition, iG = 5mA, tgw = 10µs, tgr ≤ 250ns
Unit: mm
JEDEC
TO−92
JEITA
SC−43
TOSHIBA
13−5A1A
Weight: 0.2g
EQUIVALENT CIRCUIT


Similar Part No. - RSF05G1-1P

ManufacturerPart #DatasheetDescription
logo
Rohm
RSF010P03 ROHM-RSF010P03 Datasheet
65Kb / 3P
   4V Drive Pch MOS FET
RSF010P05 ROHM-RSF010P05 Datasheet
1Mb / 7P
   4V Drive Pch MOSFET
RSF014N03 ROHM-RSF014N03 Datasheet
70Kb / 5P
   4V Drive Nch MOSFET
RSF014N03 ROHM-RSF014N03 Datasheet
83Kb / 5P
   4V Drive Nch MOSFET
RSF014N03TL ROHM-RSF014N03TL Datasheet
70Kb / 5P
   4V Drive Nch MOSFET
More results

Similar Description - RSF05G1-1P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
SH0R3D42 TOSHIBA-SH0R3D42 Datasheet
131Kb / 4P
   HIGH SPEED SWITCHING AND CONTROL APPLICATIONS
MIG300J2CSB1W TOSHIBA-MIG300J2CSB1W Datasheet
164Kb / 10P
   High Power Switching Applications Motor Control Applications
MIG20J906EA TOSHIBA-MIG20J906EA Datasheet
314Kb / 5P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MG600J2YS61A MITSUBISHI-MG600J2YS61A Datasheet
219Kb / 13P
   High Power Switching Applications Motor Control Applications
MG600Q2YS60A MITSUBISHI-MG600Q2YS60A Datasheet
139Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG150J6CSB1W MITSUBISHI-MIG150J6CSB1W Datasheet
212Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG50J906EA TOSHIBA-MIG50J906EA Datasheet
311Kb / 5P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com