Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2608 Datasheet(PDF) 7 Page - NEC

Part # PS2608
Description  Optocoupler Applications
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2608 Datasheet(HTML) 7 Page - NEC

Back Button PS2608 Datasheet HTML 3Page - NEC PS2608 Datasheet HTML 4Page - NEC PS2608 Datasheet HTML 5Page - NEC PS2608 Datasheet HTML 6Page - NEC PS2608 Datasheet HTML 7Page - NEC PS2608 Datasheet HTML 8Page - NEC PS2608 Datasheet HTML 9Page - NEC PS2608 Datasheet HTML 10Page - NEC PS2608 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6
Input
monitor
VCC = 5 V
Vo
RL = 5
51
IF = 5 mA
PS2601
RBE
Insert resistor
of 200 k
Ω here.
Test Circuit 4
(Emitter Follower)
Input
monitor
Vo
Input
monitor
VCC = 5 V
Vo
RL = 5
51
IF = 5 mA
PS2601
RBE
Insert resistor
of 200 k
Ω here.
Input
monitor
Vo
To reduce the turn-off time toff of a test circuit having a greater resistance, insert a resistor RBE between the emitter and the base
of the phototransistor. See Test circuit 4 and Test circuit 5. Graph 4 and 5 show their input and output waveforms.
Test Circuit 5
(Emitter Grounded)
Graph 5
Up
: Input
0.2 V/DIV
DOWN : Output
2 V/DIV
(50
µs/DIV)
Graph 4
Up
: Input
0.2 V/DIV
DOWN : Output
2 V/DIV
(50
µs/DIV)


Similar Part No. - PS2608

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2608 CEL-PS2608 Datasheet
129Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
PS2608 CEL-PS2608 Datasheet
120Kb / 3P
   Safety Standard Certificate for Photocoupler
PS2608L CEL-PS2608L Datasheet
129Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
More results

Similar Description - PS2608

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
Silonex Inc.
NSL-32AA SILONEX-NSL-32AA Datasheet
81Kb / 1P
   OPTOCOUPLER
NSL-32SR2 SILONEX-NSL-32SR2 Datasheet
37Kb / 1P
   Optocoupler
logo
Texas Instruments
TIL181 TI1-TIL181 Datasheet
251Kb / 7P
[Old version datasheet]   OPTOCOUPLER
logo
Luna Innovations Incorp...
NSL-28 LUNA-NSL-28 Datasheet
115Kb / 2P
   Optocoupler
NSL-32H-100 LUNA-NSL-32H-100 Datasheet
196Kb / 2P
   Optocoupler
NSL-32SR2 LUNA-NSL-32SR2 Datasheet
139Kb / 2P
   Optocoupler
logo
Silonex Inc.
NSL-32 SILONEX-NSL-32 Datasheet
32Kb / 1P
   Optocoupler
NSL-32SR3S SILONEX-NSL-32SR3S Datasheet
151Kb / 1P
   OPTOCOUPLER
NSL-28 SILONEX-NSL-28 Datasheet
19Kb / 1P
   Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com