Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2605L Datasheet(PDF) 3 Page - NEC

Part # PS2605L
Description  Optocoupler Applications
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2605L Datasheet(HTML) 3 Page - NEC

  PS2605L Datasheet HTML 1Page - NEC PS2605L Datasheet HTML 2Page - NEC PS2605L Datasheet HTML 3Page - NEC PS2605L Datasheet HTML 4Page - NEC PS2605L Datasheet HTML 5Page - NEC PS2605L Datasheet HTML 6Page - NEC PS2605L Datasheet HTML 7Page - NEC PS2605L Datasheet HTML 8Page - NEC PS2605L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
2
Absolute Maximum Ratings
Electric Characteristics
(TA = 25
°C)
(TA = 25
°C)
Product name
Features
BV
IF (mA)
IC(mA)
CTR (%)
tr (
µs)
tr (
µs)
(Vr.m.s.)
(TYP)
(TYP)
PS2601
High isolation
PS2601L
voltage
High VCEO
5 k
80
50
80 to 600
3
5
PS2602
(80 V MIN.)
PS2602L
Single transistor
PS2603
High isolation
PS2603L
voltage
High CTR
5 k
80
200
200 to 2500
100
100
PS2604
Darlington-
PS2604L
transistor
PS2605
High isolation
PS2605L
voltage
A.C. input
5 k
±80
50
80 to 600
3
5
High VCEO
PS2606
(80 V MIN.)
PS2606L
Single transistor
PS2607
High isolation
PS2607L
voltage
A.C. input
5 k
±80
200
200 to 3400
100
100
High CTR
PS2608
Darlington-
PS2608L
transistor
PS2621
High isolation
PS2621L
voltage
Large input
5 k
150
50
20 to 50
3
5
PS2622
current
PS2622L
Single transistor
PS2625
High isolation
PS2625L
voltage
A.C. input
5 k
±150
50
20 to 50
3
5
Large input
PS2626
current
PS2626L
Single transistor
PS2633
High isolation
PS2633L
voltage
High VCEO
1000 to
(300 V MIN.)
5 k
80
150
15000
100
100
High CTR
PS2634
Darlington-
PS2634L
transitor
PS2651
High isolation
PS2651L2
voltage
High VCEO
5 k
80
50
50 to 400
3
5
(80 V MIN.)
PS2652
Single transistor
PS2652L2
PS2653
High isolation
PS2653L2
voltage
High CTR
5 k
80
200
200 to 3400
100
100
Darlington-
PS2654
transistors
PS2654L2
PS2600 Series Optocouplers (6-Pin Dual-in-Line Package)
Internal
connection
*
*
*
*
*
*
*
*
*
* (with a base pin)
Note: A product name followed by letter L indicates a product having leads formed for surface mount.


Similar Part No. - PS2605L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2605L CEL-PS2605L Datasheet
131Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
More results

Similar Description - PS2605L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
Silonex Inc.
NSL-32AA SILONEX-NSL-32AA Datasheet
81Kb / 1P
   OPTOCOUPLER
NSL-32SR2 SILONEX-NSL-32SR2 Datasheet
37Kb / 1P
   Optocoupler
logo
Texas Instruments
TIL181 TI1-TIL181 Datasheet
251Kb / 7P
[Old version datasheet]   OPTOCOUPLER
logo
Luna Innovations Incorp...
NSL-28 LUNA-NSL-28 Datasheet
115Kb / 2P
   Optocoupler
NSL-32H-100 LUNA-NSL-32H-100 Datasheet
196Kb / 2P
   Optocoupler
NSL-32SR2 LUNA-NSL-32SR2 Datasheet
139Kb / 2P
   Optocoupler
logo
Silonex Inc.
NSL-32 SILONEX-NSL-32 Datasheet
32Kb / 1P
   Optocoupler
NSL-32SR3S SILONEX-NSL-32SR3S Datasheet
151Kb / 1P
   OPTOCOUPLER
NSL-28 SILONEX-NSL-28 Datasheet
19Kb / 1P
   Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com