Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT16240T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT16240T
Description  Fast CMOS 16-Bit Buffer /Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16240T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT16240T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16240T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16240T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16240T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16240T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16240T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PI74FCT16240/162240/162H240T
16-BIT BUFFER/LINE DRIVERS
5
PS2030A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
0.1
500
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.4 V
(3)
0.5
1.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
VIN = VCC
60
100
µA/
Input per MHz
(4)
Outputs Open
VIN = GND
MHz
X
OE = GND
One Bit Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max.,
VIN = VCC
0.6
1.5
(5)
mA
Current
(6)
Outputs Open
VIN = GND
fI = 10 MHZ
50% Duty Cycle
X
OE = GND
One Bit Toggling
VIN = 3.4 V
0.9
2.3
(5)
VIN = GND
VCC = Max.,
VIN = VCC
2.4
4.5
(5)
Outputs Open
VIN = GND
fI = 2.5 MHZ
50% Duty Cycle
X
OE = GND
16 Bits Toggling
VIN = 3.4 V
6.4
16.5
(5)
VIN = GND
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0 V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4 V); all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4 V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - PI74FCT16240T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16244ATA PERICOM-PI74FCT16244ATA Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16244ATAE PERICOM-PI74FCT16244ATAE Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16244ATV PERICOM-PI74FCT16244ATV Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16244ATVE PERICOM-PI74FCT16244ATVE Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16244CTA PERICOM-PI74FCT16244CTA Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
More results

Similar Description - PI74FCT16240T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244T PERICOM-PI74FCT162244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244MT PERICOM-PI74FCT162244MT Datasheet
71Kb / 8P
   Fast CMOS 16-Bit Heavy Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com