Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03W021-000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03W021-000
Description  Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03W021-000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03W021-000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03W021-000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03W021-000 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
RPC-2.92
Calibration Kit
LRL Version
02CK020-150
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 3
Contents
Device
Part number
Remarks
QTY
Calibration
Option
a
15 mm Air line plug/jack
02S101-K015
L1
1
FC
18.3 mm Air line plug/jack
02S101-K018
L2
1
FC
40 mm Air line plug/jack
02S101-K040
L3
1
FC
Short circuit plug
02S12S-001D3
Reflect standard
1
FC
Short circuit jack
02K12S-001D3
Reflect standard
1
FC
Combi wrench
03W008-000
-
1
Torque wrench
03W021-000
-
1
FC
a.
See “Declaration of calibration options” for explanation.
LRL calibrations without lowband loads are band limited. There are many different possibilities to calibrate
a VNA depending from the line length and the number of lines used during the calibration procedure. If
two lines are used the third line can be used as verification standard. The following graphs show two
possibilities using LRL with lowband loads. Without lowband loads the lower band cannot be calibrated.
0
Frequency Range (2 Bands)
Lowband loads
L1 and L2
40
f in GHz
5
Lowband loads
L1 and L3
L1 and L2
f in GHz
40
5
0
1
Frequency Range (3 Bands)


Similar Part No. - 03W021-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03W021-000 ROSENBERGER-03W021-000 Datasheet
780Kb / 3P
   Calibration Kit
03W021-000 ROSENBERGER-03W021-000 Datasheet
775Kb / 3P
   Calibration Kit
03W021-000 ROSENBERGER-03W021-000 Datasheet
545Kb / 3P
   Calibration Kit
03W021-000 ROSENBERGER-03W021-000 Datasheet
979Kb / 3P
   Calibration Kit
03W021-000 ROSENBERGER-03W021-000 Datasheet
775Kb / 3P
   Calibration Kit
More results

Similar Description - 03W021-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
60K36R-MSON3 ROSENBERGER-60K36R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60CK001-150 ROSENBERGER-60CK001-150 Datasheet
609Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com