Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHD82NQ03LT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHD82NQ03LT
Description  TrenchMOS??logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD82NQ03LT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHD82NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 9Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 10Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 11Page - NXP Semiconductors PHD82NQ03LT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD82NQ03LT
TrenchMOS™ logic level FET
Product data
Rev. 01 — 28 March 2002
8 of 14
9397 750 09308
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Tj =25 °C and 175 °C; VGS =0V
ID = 50 A; VDD =15V
Fig 12. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 13. Gate-source voltage as a function of gate
charge; typical values.
03ai59
0
20
40
60
80
0
0.4
0.8
1.2
VSD (V)
IS
(A)
Tj = 25 ºC
175 ºC
VGS = 0 V
03ai61
0
2
4
6
8
10
0
10203040
QG (nC)
VGS
(V)
ID = 50 A
Tj = 25 ºC
VDD = 15 V


Similar Part No. - PHD82NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHD87N03LT PHILIPS-PHD87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
More results

Similar Description - PHD82NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com