Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-SD823CC Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VS-SD823CC
Description  Fast Recovery Diodes (Hockey PUK Version), 810 A/910 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD823CC Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VS-SD823CC Datasheet HTML 3Page - Vishay Siliconix VS-SD823CC Datasheet HTML 4Page - Vishay Siliconix VS-SD823CC Datasheet HTML 5Page - Vishay Siliconix VS-SD823CC Datasheet HTML 6Page - Vishay Siliconix VS-SD823CC Datasheet HTML 7Page - Vishay Siliconix VS-SD823CC Datasheet HTML 8Page - Vishay Siliconix VS-SD823CC Datasheet HTML 9Page - Vishay Siliconix VS-SD823CC Datasheet HTML 10Page - Vishay Siliconix VS-SD823CC Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document Number: 95249
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 26-Nov-07
1
B-43
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
40.5 (1.59) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
0.8 (0.03) MIN.
both ends
25.3 (1) DIA. MAX.
2 places


Similar Part No. - VS-SD823CC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD823CC VISHAY-VS-SD823CC Datasheet
407Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
01-Jan-2022
VS-SD823CC VISHAY-VS-SD823CC_V01 Datasheet
407Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
01-Jan-2022
More results

Similar Description - VS-SD823CC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD823CC VISHAY-VS-SD823CC_V01 Datasheet
407Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
01-Jan-2022
SD823C12S20C VISHAY-SD823C12S20C Datasheet
396Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 15-Apr-14
VS-SD553CS50L VISHAY-VS-SD553CS50L Datasheet
255Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 04-Apr-14
VS-SD803CC VISHAY-VS-SD803CC Datasheet
362Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 14-Jan-14
VS-SD603CC VISHAY-VS-SD603CC Datasheet
490Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 14-Jan-14
VS-SD263CS50L VISHAY-VS-SD263CS50L_V01 Datasheet
237Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
01-Jan-2022
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
VS-SD553CS50L VISHAY-VS-SD553CS50L_V01 Datasheet
234Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com