Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-SD400N Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-SD400N
Description  Standard Recovery Diodes (Stud Version), 400 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD400N Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-SD400N Datasheet HTML 1Page - Vishay Siliconix VS-SD400N Datasheet HTML 2Page - Vishay Siliconix VS-SD400N Datasheet HTML 3Page - Vishay Siliconix VS-SD400N Datasheet HTML 4Page - Vishay Siliconix VS-SD400N Datasheet HTML 5Page - Vishay Siliconix VS-SD400N Datasheet HTML 6Page - Vishay Siliconix VS-SD400N Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-SD400N/R Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Nov-13
3
Document Number: 93548
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.020
0.013
TJ = TJ maximum
K/W
120°
0.023
0.023
90°
0.029
0.031
60°
0.042
0.044
30°
0.073
0.074
110
120
130
140
150
160
170
180
190
0
50 100 150 200 250 300 350 400 450
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD400N/ RSeries
R
(DC) = 0.11 K/ W
thJC
100
110
120
130
140
150
160
170
180
190
0
100
200
300
400
500
600
700
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
SD400N/ RSeries
R
(DC) = 0.11 K/ W
thJC
30 50 70 90 110 130 150 170 190
Maximum Allowable Ambient Temperature (°C)
0.2
K/W
0.3
K/W
0.4
K/W
0.6
K/W
1K/W
1.8 K/W
0
50
100
150
200
250
300
350
400
450
500
550
0
50 100 150 200 250 300 350 400
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average Forward Current (A)
SD400N/R Series
T = 190 °C
J


Similar Part No. - VS-SD400N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
More results

Similar Description - VS-SD400N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
VS-400U VISHAY-VS-400U_V01 Datasheet
153Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
VS-SD400NR VISHAY-VS-SD400NR Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 400 A
01-Jan-2022
SD400NR VISHAY-SD400NR Datasheet
151Kb / 7P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 17-Apr-08
SD453NR VISHAY-SD453NR_V01 Datasheet
390Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
02-Oct-12
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com