Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-SD300CC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-SD300CC
Description  Standard Recovery Diodes (Hockey PUK Version), 650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD300CC Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-SD300CC Datasheet HTML 1Page - Vishay Siliconix VS-SD300CC Datasheet HTML 2Page - Vishay Siliconix VS-SD300CC Datasheet HTML 3Page - Vishay Siliconix VS-SD300CC Datasheet HTML 4Page - Vishay Siliconix VS-SD300CC Datasheet HTML 5Page - Vishay Siliconix VS-SD300CC Datasheet HTML 6Page - Vishay Siliconix VS-SD300CC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-SD300C..C Series
www.vishay.com
Vishay Semiconductors
Revision: 15-Apr-14
1
Document Number: 93544
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Recovery Diodes
(Hockey PUK Version), 650 A
FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AA
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
650 A
Package
DO-200AA
Circuit configuration
Single diode
DO-200AA
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD300C..C
UNITS
04 to 20
25 to 32
IF(AV)
650
540
A
Ths
55
55
°C
IF(RMS)
1150
995
A
Ths
25
25
°C
IFSM
50 Hz
6050
6050
A
60 Hz
6335
6335
I2t
50 Hz
183
183
kA2s
60 Hz
167
167
VRRM
Range
400 to 2000
2500 to 3200
V
TJ
-40 to 180
-40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK REVERSE
VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-SD300C..C
04
400
500
15
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
28
2800
2900
32
3200
3300


Similar Part No. - VS-SD300CC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD300CC VISHAY-VS-SD300CC Datasheet
184Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 650 A
01-Jan-2022
VS-SD300CC VISHAY-VS-SD300CC_V01 Datasheet
184Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 650 A
01-Jan-2022
More results

Similar Description - VS-SD300CC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD300C04C VISHAY-SD300C04C_12 Datasheet
151Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
SD300C04C VISHAY-SD300C04C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
VS-SD300CC VISHAY-VS-SD300CC_V01 Datasheet
184Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com