Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSSB310-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSSB310-M3
Description  Ideal for automated placement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSB310-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSSB310-M3 Datasheet HTML 1Page - Vishay Siliconix VSSB310-M3 Datasheet HTML 2Page - Vishay Siliconix VSSB310-M3 Datasheet HTML 3Page - Vishay Siliconix VSSB310-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VSSB310-M3
www.vishay.com
Vishay General Semiconductor
Revision: 09-Dec-13
2
Document Number: 89932
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad area. Thermal resistance RJA - junction to ambient
(2) Units mounted on PCB with 10 mm x 10 mm copper pad areas. RJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
100 (minimum)
-
V
Instantaneous forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
0.62
0.70
V
TA = 125 °C
0.56
0.65
Reverse current
VR = 70 V
TA = 25 °C
IR (2)
1.5
-
μA
TA = 125 °C
1.2
-
mA
VR = 100 V
TA = 25 °C
7.0
250
μA
TA = 125 °C
3.6
20
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
230
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSB310
UNIT
Typical thermal resistance
RJA (1)
120
°C/W
RJM (2)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSSB310-M3/52T
0.096
52T
750
7" diameter plastic tape and reel
VSSB310-M3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
0
25
50
75
100
125
4.0
150
TM - Mount Temperature (°C)
2.5
2.0
1.5
0.5
0
1.0
T
M Measured at Terminal
3.0
3.5
0
3.6
0
2.4
Average Forward Current (A)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
2.2
2.0
1.8
1.6


Similar Part No. - VSSB310-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSB310-M3 VISHAY-VSSB310-M3 Datasheet
102Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
VSSB310-M3 VISHAY-VSSB310-M3_15 Datasheet
83Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VSSB310-M3 VISHAY-VSSB310-M3_V01 Datasheet
102Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - VSSB310-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
   Ideal for automated placement
Revision: 10-Jul-15
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
110Kb / 5P
   Ideal for automated placement
Revision: 24-Jul-14
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
   Ideal for automated placement
Revision: 04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
logo
Bruckewell Technology L...
SD10PU80 BWTECH-SD10PU80 Datasheet
117Kb / 4P
   Ideal for automated placement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com