Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWCR-16.00MD Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWCR-16.00MD
Description  LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWCR-16.00MD Datasheet(HTML) 1 Page - Abracon Corporation

  AWCR-16.00MD Datasheet HTML 1Page - Abracon Corporation AWCR-16.00MD Datasheet HTML 2Page - Abracon Corporation AWCR-16.00MD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Microprocessor clocks.
• Industrial controllers.
• Electric appliances.
• Remote controls.
• Built-in capacitors save space & components
• Low cost timing solution.
• Small size, Light weight
ELECTRICAL CHARACTERISTICS:
FEATURES:
APPLICATIONS:
• General timing.
||||||| | | | | | | | |
AWCR-MD
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Size Varies
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
2.00
6.00
MHz
12.51
60.00
Resonant Impedance (Ro)
80
2.00 MHz ~ 2.99 MHz
30
3.00 MHz ~ 6.00 MHz
30
12.51 MHz ~ 60.00 MHz
Standard Built-in Capacitance
(C1=C2)
24
30
36
pF
2.00 MHz ~ 6.00 MHz
17.6
22
26.4
12.51 MHz ~ 13.00 MHz
24
30
36
13.01 MHz ~ 20.00 MHz
12
15
18
20.01 MHz ~ 25.99 MHz
4
5
6
26.00 MHz ~ 60.00 MHz
Frequency Tolerance
-0.5
+0.5
%
Frequency Stability
-0.3
+0.3
%
-25ºC to +85ºC
Withstanding Voltage
50
Vdc
DC , 1 min
Rating Voltage
D.C. Voltage
6
Vdc
A.C. Voltage
15
Vp-p.
Insulation Resistance
100
MΩ
10Vdc, 1min
Operation Temperature
-25
+85
ºC
Storage Temperature
-55
+85
ºC
Aging Rate (Fosc)
-0.3
0.3
%
From initial value
Pb in ceramic, exemption (7c-I)
RoHS/RoHS II Compliant
Revised: 05.07.13


Similar Part No. - AWCR-16.00MD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCR-10.00MD ABRACON-AWCR-10.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-12.00RS ABRACON-AWCR-12.00RS Datasheet
1Mb / 2P
   LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
More results

Similar Description - AWCR-16.00MD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCR-2.00MD ABRACON-AWCR-2.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-10.00MD ABRACON-AWCR-10.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-20.00MD ABRACON-AWCR-20.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-RS ABRACON-AWCR-RS Datasheet
1Mb / 2P
   LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-12.00RS ABRACON-AWCR-12.00RS Datasheet
1Mb / 2P
   LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MS ABRACON-AWSCR-MS Datasheet
198Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
AWSCR-MR ABRACON-AWSCR-MR Datasheet
164Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com