Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP304LSQ35T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP304LSQ35T1
Description  Voltage Detector Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP304LSQ35T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP304LSQ35T1 Datasheet HTML 1Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 2Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 3Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 4Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 5Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 6Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 7Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 8Page - ON Semiconductor NCP304LSQ35T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NCP304, NCP305
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Input Power Supply Voltage (Pin 2)
Vin
12
V
Output Voltage (Pin 1)
Complementary, NCP304
N−Channel Open Drain, NCP305
VOUT
−0.3 to Vin+0.3
−0.3 to 12
V
Output Current (Pin 1) (Note 2)
IOUT
70
mA
Thermal Resistance Junction−to−Air
RqJA
285
°C/W
Maximum Junction Temperature
TJ
+125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Latchup Performance (Note 3)
Positive
Negative
ILATCHUP
500
170
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max)−TA
RqJA
3. Maximum Ratings per JEDEC standard JESD78.
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
NCP304/5 − 0.9
Detector Threshold (Pin 2, Vin Decreasing)
VDET−
0.882
0.900
0.918
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.027
0.045
0.063
V
Supply Current (Pin 2)
(Vin = 0.8 V)
(Vin = 2.9 V)
Iin
0.8
2.4
3.0
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2)
(TA = −40°C to 85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
N−Channel Sink Current, NCP304, NCP305
(VOUT = 0.05 V, Vin = 0.70 V)
(VOUT = 0.50 V, Vin = 0.85 V)
0.01
0.05
0.05
0.50
P−Channel Source Current, NCP304
(VOUT = 2.4 V, Vin = 4.5 V)
1.0
2.0
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
N−Channel Sink Current, NCP304, NCP305
(VOUT = 0.5 V, Vin = 1.5 V)
1.05
2.5
P−Channel Source Current, NCP304
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 0.8 V)
0.011
0.014
0.04
0.08
Propagation Delay Input to Output (Figure 2)
ms
4. In the case of CMOS Output Type: The time interval between the rising edge of VDD input pulse from 0.7 V to (+VDET) +2.0 V and output
voltage level becoming to VDD/2. In the case of N−Channel Open Drain Output Type: Output pin is pulled up with a resistance of 470 kW
to 5.0 V, the time interval between the rising edge of VDD input pulse from 0.7 V to (+VDET) +2.0 V and output voltage level becoming to
2.5 V.


Similar Part No. - NCP304LSQ35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304LSQ30T1 ONSEMI-NCP304LSQ30T1 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP304LSQ30T1 ONSEMI-NCP304LSQ30T1 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304LSQ30T1G ONSEMI-NCP304LSQ30T1G Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP304LSQ31T1 ONSEMI-NCP304LSQ31T1 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304LSQ33T1 ONSEMI-NCP304LSQ33T1 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
More results

Similar Description - NCP304LSQ35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com