Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2674I-14DR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2674I-14DR
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2674I-14DR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2674I-14DR Datasheet HTML 2Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 3Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 4Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 5Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 6Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 7Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 8Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 9Page - Burr-Brown (TI) OPA2674I-14DR Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
OPA2674
SBOS270 − AUGUST 2003
www.ti.com
10
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1k
90
80
70
60
50
40
30
20
10
0
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
2
0
−2
−4
−6
−8
−10
10M
100M
1G
C
L = 10pF
C
L = 22pF
C
L = 100pF
C
L =47pF
1/2
OPA2674
402
R
S
133
1k
(1)
C
L
NOTE: (1) 1k
Ω is optional.
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
1k
70
60
50
40
30
20
10
0
10k
100k
1M
10M
100M
CMRR
−PSRR
+PSRR
OPEN−LOOP TRANSIMPEDANCE GAIN AND PHASE
Frequency (Hz)
10k
100k
1M
10M
100M
1G
120
100
80
60
40
20
0
0
−45
−90
−135
−180
−225
−270
Gain
Phase
CLOSED−LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
100k
1M
10M
100M
100
10
1
0.1
0.01
0.001
Idle Power
Full Power
Power Cutback
COMPOSITE VIDEO dG/dP
Number of 150
ΩLoads
1234
5
678
9
10
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
G= +2
R
F =475Ω
V
S = ± 5V
dP, Negative Video
dP, Positive Video
dG, Positive Video
dG , Negative V ideo


Similar Part No. - OPA2674I-14DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2674I-14DR TI-OPA2674I-14DR Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674I-14DR TI1-OPA2674I-14DR Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674I-14DRG4 TI-OPA2674I-14DRG4 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674I-14DRG4 TI1-OPA2674I-14DRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674I-14DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com