Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227TTA016M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227TTA016M
Description  Filtering ??Bypass ??Coupling ??Blocking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227TTA016M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227TTA016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227TTA016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227TTA016M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb-17
FEATURES
Axial Lead - High Voltage
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating Temperature
Range
-40°C to +85°C (10 to 350 WVDC)
-25°C to +85°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
SVDC
13
20
32
44
63
79
125
200
250
300
400
500
Dissipation
Factor
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
Tan
δ
.24
.20
.16
.14
.12
.1
.1
.2
.2
.2
.25
.25
Add .02 for every 1000uF above 1000uF
Leakage current
10 to 100 WVDC
160 to 450 WVDC
1 Minutes
2 Minutes
1 Minute
1 Minute
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
CV<1000
.04CV+100uA
CV>1000
.1CV+40uA
Low
temperature
stability
Impedance ratio
(120 Hz)
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
-25°C to
+20°C
4
3
2
2
2
2
2
4
4
4
4
6
-40°C to
+20°C
10
8
5
4
3
3
3
15
15
15
10
-
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
>100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
>100% of maximum specified value
Ripple Current
Multipliers
Capacitance
Frequency (Hz)
Temperature (°C)
uF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
.8
1.0
1.23
1.36
1.48
1.53
1.0
1.3
1.5
1.8
100<C<1000
.8
1.0
1.16
1.25
1.35
1.38
1.0
1.3
1.5
1.8
C>1000
.8
1.0
1.11
1.17
1.25
1.28
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
D< 10mm, L1=L+1.5mm Max.
mm
D> 10mm, L1=L+2mm Max.
D1=D+B Max.


Similar Part No. - 227TTA016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227TTA016M ILLINOISCAPACITOR-227TTA016M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
227TTA016M ILLINOISCAPACITOR-227TTA016M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
227TTA016M ILLINOISCAPACITOR-227TTA016M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
227TTA016M ILLINOISCAPACITOR-227TTA016M Datasheet
291Kb / 3P
   Axial lead - High voltage
227TTA016M ILLINOISCAPACITOR-227TTA016M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 227TTA016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SML050M ILLINOISCAPACITOR-106SML050M Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
106RSS016M ILLINOISCAPACITOR-106RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
107RSS035M ILLINOISCAPACITOR-107RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
106TTA035MSD ILLINOISCAPACITOR-106TTA035MSD Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107AXZ050M ILLINOISCAPACITOR-107AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
logo
AVX Corporation
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
   EMI Filtering, Broadband Filtering, LCD Filtering
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com