Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476CKS450MQW Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 476CKS450MQW
Description  Small Size - High Voltage - General Purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476CKS450MQW Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  476CKS450MQW Datasheet HTML 1Page - Illinois Capacitor, Inc. 476CKS450MQW Datasheet HTML 2Page - Illinois Capacitor, Inc. 476CKS450MQW Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CKR_CKS
+85°C, Standard 2000 hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
330
25
337CKS025M
0.703
455
8x11.5
330
35
337CKS035M
0.603
580
10x12.5
330
50
337CKS050M
0.5024
710
10x16
330
50
337CKR050M
0.5024
730
10x20
330
63
337CKS063M
0.5024
825
10x20
330
100
337CKS100M
0.5024
990
12.5x25
330
160
337CKS160MLAG
1.005
1150
18x30
470
10
477CKS010M
0.67
385
6.3x11
470
16
477CKS016M
0.564
500
8x11.5
470
25
477CKS025M
0.494
630
10x12.5
470
35
477CKS035M
0.423
755
10x16
470
50
477CKS050M
0.3527
815
10x20
470
50
477CKR050M
0.353
930
12.5x20
470
63
477CKS063M
0.3527
1155
12.5x20
470
100
477CKS100M
0.3527
1395
16x25
470
160
477CKS160MLAD
0.7055
1460
18x35
470
200
477CKS200MLCD
0.7055
1610
18x45
680
50
687CKS050MTJG
0.244
1000
12.5x20
680
50
687CKR050M
0.244
810
12.5x25
680
63
687CKS063MTJD
0.244
1515
12.5x25
680
160
687CKS160MLCD
0.488
1600
18x45
1000
6.3
108CKS6R3M
0.365
610
8x11.5
1000
10
108CKS010M
0.315
795
10x12.5
1000
16
108CKS016M
0.3316
930
10x16
1000
16
108CKS016MLN
0.3316
700
10x12.5
1000
25
108CKS025M
0.232
1095
10x20
1000
25
108CKR025M
0.232
1150
12.5x20
1000
35
108CKR035M
0.199
1370
12.5x25
1000
35
108CKS035M
0.199
1410
12.5x20
1000
50
108CKS050M
0.166
1715
12.5x25
1000
50
108CKR050M
0.166
1510
16x25
1000
63
108CKR063M
0.166
1670
16x30
1000
63
108CKS063M
0.166
2040
16x25
1000
100
108CKS100MRY
0.166
1995
18x35
1500
10
158CKS010M
0.2432
875
10x16
1500
16
158CKS016M
0.199
1025
10x20
1500
25
158CKS025M
0.177
1210
12.5x20
1500
35
158CKR035M
0.155
1110
16x25
1500
50
158CKS050M
0.133
1650
16x30
2200
6.3
228CKS6R3M
0.211
900
10x16
2200
10
228CKS010M
0.1809
1230
10x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
2200
16
228CKS016M
0.151
1555
12.5x20
2200
16
228CKS016MLU
0.151
1010
10x20
2200
25
228CKS025M
0.136
1800
12.5x25
2200
25
228CKR025M
0.1356
1770
16x25
2200
35
228CKR035M
0.1206
2090
16x30
2200
35
228CKS035M
0.121
2135
16x25
2200
50
228CKS050M
0.106
2390
16x35
2200
50
228CKS050MQW
0.106
2320
16x30
2200
63
228CKS063M
0.106
2300
18x35
3300
6.3
338CKS6R3M
0.1507
1350
10x20
3300
10
338CKS010M
0.1306
1685
12.5x20
3300
16
338CKS016M
0.1105
1990
12.5x25
3300
25
338CKS025M
0.703
2305
16x25
3300
35
338CKS035MQW
0.0904
2340
16x30
3300
50
338CKS050M
0.0804
3220
18x35
3300
63
338CKS063MLCG
0.0804
2500
18x40
4700
6.3
478CKS6R3M
0.1129
1830
12.5x20
4700
10
478CKS010M
0.0988
2105
12.5x25
4700
16
478CKS016M
0.085
2490
16x25
4700
25
478CKS025M
0.078
2855
16x30
4700
35
478CKS035M
0.071
3400
18x35
4700
35
478CKS035MQY
0.071
2500
16x35
4700
50
478CKS050MLCG
0.0635
3340
18x40
6800
6.3
688CKS6R3M
0.083
1930
12.5x25
6800
10
688CKS010M
0.0756
2610
16x25
6800
16
688CKS016MQV
0.068
2250
16x25
6800
16
688CKS016MKAG
0.068
3010
16x30
6800
25
688CKS025MQY
0.063
2600
16x35
6800
25
688CKS025M
0.063
3530
18x35
6800
35
688CKS035M
0.0585
3500
18x40
10000
6.3
109CKS6R3M
0.0696
2760
16x25
10000
10
109CKS010MQW
0.063
2960
16x30
10000
16
109CKS016M
0.056
3230
18x35
10000
16
109CKS016MQY
0.056
3490
16x35
10000
25
109CKS025M
0.053
2800
18x40
15000
6.3
159CKS6R3M
0.0531
2860
16x35
15000
10
159CKS010MKCG
0.0531
3100
16x40
15000
16
159CKS016M
0.052
3100
18x40
22000
6.3
229CKS6R3MRY
0.0497
3200
18x35
22000
6.3
229CKS6R3M
0.0497
3400
18x40
22000
10
229CKS010M
0.0467
3400
18x40


Similar Part No. - 476CKS450MQW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476CKS450MQW ILLINOISCAPACITOR-476CKS450MQW Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
476CKS450MQW ILLINOISCAPACITOR-476CKS450MQW Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
476CKS450MQW ETC2-476CKS450MQW Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
476CKS450MQW ILLINOISCAPACITOR-476CKS450MQW Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
476CKS450MQW ILLINOISCAPACITOR-476CKS450MQW Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 476CKS450MQW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com