Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30WQ03FN-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-30WQ03FN-M3
Description  Popular D-PAK outline
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30WQ03FN-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-30WQ03FN-M3 Datasheet HTML 1Page - Vishay Siliconix VS-30WQ03FN-M3 Datasheet HTML 2Page - Vishay Siliconix VS-30WQ03FN-M3 Datasheet HTML 3Page - Vishay Siliconix VS-30WQ03FN-M3 Datasheet HTML 4Page - Vishay Siliconix VS-30WQ03FN-M3 Datasheet HTML 5Page - Vishay Siliconix VS-30WQ03FN-M3 Datasheet HTML 6Page - Vishay Siliconix VS-30WQ03FN-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-30WQ03FN-M3
www.vishay.com
Vishay Semiconductors
Revision: 22-Nov-16
3
Document Number: 93296
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
100
VFM - Forward Voltage Drop (V)
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.2 0.4 0.6
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
0.01
0.1
1
100
10
VR - Reverse Voltage (V)
15
20
25
30
510
T
J = 150 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
T
J = 125 °C
100
1000
VR - Reverse Voltage (V)
10
15
20
25
30
35
0
5
T
J = 25 °C
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20


Similar Part No. - VS-30WQ03FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30WQ03FN-M3 VISHAY-VS-30WQ03FN-M3 Datasheet
138Kb / 7P
   High Performance Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ03FN-M3 VISHAY-VS-30WQ03FN-M3_15 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
VS-30WQ03FN-M3 VISHAY-VS-30WQ03FN-M3_V01 Datasheet
138Kb / 7P
   High Performance Schottky Rectifier, 3.5 A
01-Jan-2022
More results

Similar Description - VS-30WQ03FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6CWQ04FNHM3 VISHAY-VS-6CWQ04FNHM3 Datasheet
118Kb / 6P
   Popular D-PAK outline
Schottky Rectifier, 2 x 3.5 A
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 6 A Popular D-PAK outline
Revision: 14-Jan-11
logo
Continental Device Indi...
TO-263 CDIL-TO-263 Datasheet
415Kb / 3P
   TO-263 D PAK SMD Plastic Package Package Outline and Packaging Information
logo
Xian Semipower Electron...
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
   N-channel I-PAK/D-PAK/TO220F MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
   N-channel I-PAK/D-PAK/TO-220F MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
   N-channel TO-220F/I-PAK/D-PAK MOSFET
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
   N-channel D-PAK/I-PAK/TO-92 MOSFET
logo
Fairchild Semiconductor
FQD19N10TF FAIRCHILD-FQD19N10TF Datasheet
406Kb / 2P
   D-PAK Tape and Reel Data D-PAK Packaging Configuration: Figure 1.0
logo
Winchester Electronics ...
1891115S8A4338 WINCHESTER-1891115S8A4338 Datasheet
47Kb / 1P
   OUTLINE, D-SUB
1891115S5K5555 WINCHESTER-1891115S5K5555 Datasheet
47Kb / 1P
   OUTLINE, D-SUB
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com