Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30ETH06FP-F3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-30ETH06FP-F3
Description  Fully isolated package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30ETH06FP-F3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-30ETH06FP-F3 Datasheet HTML 1Page - Vishay Siliconix VS-30ETH06FP-F3 Datasheet HTML 2Page - Vishay Siliconix VS-30ETH06FP-F3 Datasheet HTML 3Page - Vishay Siliconix VS-30ETH06FP-F3 Datasheet HTML 4Page - Vishay Siliconix VS-30ETH06FP-F3 Datasheet HTML 5Page - Vishay Siliconix VS-30ETH06FP-F3 Datasheet HTML 6Page - Vishay Siliconix VS-30ETH06FP-F3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95005
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
3.3
3.1
5° ± 0.5°
0.9
0.7
2.54 TYP.
2.54 TYP.
10.6
10.4
3.7
3.2
7.31
6.91
0.61
0.38
2.85
2.65
2.8
2.6
1.4
1.3
10°
4.8
4.6
16.0
15.8
16.4
15.4
(2 places)
R 0.7
R 0.5
Hole Ø
3.4
3.1
TYP.
1.15
1.05
13.56
13.05
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220 FULL-PAK


Similar Part No. - VS-30ETH06FP-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30ETH06FP-F3 VISHAY-VS-30ETH06FP-F3 Datasheet
106Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt짰
08-Feb-17
VS-30ETH06FP-F3 VISHAY-VS-30ETH06FP-F3_V01 Datasheet
106Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt짰
08-Feb-17
More results

Similar Description - VS-30ETH06FP-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GB70NA60UF VISHAY-VS-GB70NA60UF Datasheet
174Kb / 9P
   Fully isolated package
Revision: 11-Jun-15
VS-GB50NA120UX VISHAY-VS-GB50NA120UX Datasheet
178Kb / 10P
   Fully isolated package
Revision: 11-Jun-15
VS-GB90DA60U VISHAY-VS-GB90DA60U Datasheet
278Kb / 10P
   Fully isolated package
Revision: 25-Jun-13
logo
Continental Device Indi...
TO-3P CDIL-TO-3P Datasheet
109Kb / 3P
   Fully Isolated Plastic Package
TO-220FP CDIL-TO-220FP Datasheet
233Kb / 5P
   Thru-hole Fully Isolated Plastic Package
BU908F CDIL-BU908F Datasheet
89Kb / 2P
   TO-3P Fully Isolated Plastic Package Transistor CDIL
logo
Vishay Siliconix
VS-UFB130FA40 VISHAY-VS-UFB130FA40 Datasheet
142Kb / 6P
   Fully insulated package
Revision: 31-May-16
logo
Kersemi Electronic Co.,...
IRFI9Z24G KERSEMI-IRFI9Z24G Datasheet
1Mb / 7P
   Isolated Package
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
logo
List of Unclassifed Man...
RPI3-MODBP-POE ETC-RPI3-MODBP-POE Datasheet
1Mb / 5P
   Fully isolated switched-mode power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com