Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106CKH050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 106CKH050M
Description  Small Size - High Voltage - General Purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106CKH050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  106CKH050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106CKH050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106CKH050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb-17
FEATURES
Small Size - High Voltage - General Purpose
APPLICATIONS
Bypass
Coupling Filter De-coupling
Operating
Temperature Range
-40°C to +105°C (6.3 to 100 WVDC)
-25°C to +105°C (160 to 400 WVDC)
Capacitance
Tolerance
+20% at 120 Hz, 20°C
Surge
Voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Tan
δ
.22
.19
.16
.14
.12
.1
.09
.08
.15
.15
.15
.2
.2
.2
Add .02 for every 1000uF above 1000uF
Leakage Current
6.3 to 100 WVDC
160 to 450 WVDC
2 Minutes
2 Minutes
.01CV or 3uA,
Whichever is greater
.03CV+40uA
Low
temperature
Stability
Impedance
Ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
-25°C to
+20°C
4
3
2
2
2
2
2
2
4
4
4
6
6
7
-40°C to
+20°C
8
6
4
3
3
3
3
3
-
-
-
-
-
-
Load Life
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current
Multipliers
Frequency (Hz)
Temperature (°C)
WVDC
Capacitance ( uF)
50
120
300
1k
10k
100k
105
85
70
65
45
6.3 to
100V
<47
.75
1.0
1.36
1.57
2.0
2.3
1
1.75
1.9
2
2.23
68 to 470
.8
1.0
1.23
1.34
1.5
1.65
1
1.75
1.9
2
2.23
>560
.85
1.0
1.1.
1.13
1.15
1.4
1
1.75
1.9
2
2.23
160 to
450V
.47 to 4.7
.65
1.0
1.35
1.75
2.3
2.5
1
1.75
1.9
2
2.23
6.8 to 82
.75
1.0
1.25
1.5
1.75
1.8
1
1.75
1.9
2
2.23
100 to 1000
.8
1.0
1.15
1.3
1.4
1.5
1
1.75
1.9
2
2.23
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 106CKH050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106CKH050M ILLINOISCAPACITOR-106CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
106CKH050M ILLINOISCAPACITOR-106CKH050M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
106CKH050M ILLINOISCAPACITOR-106CKH050M Datasheet
310Kb / 3P
   Extended life 2000 hour
106CKH050M ILLINOISCAPACITOR-106CKH050M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKH050M ILLINOISCAPACITOR-106CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 106CKH050M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com