Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226TTA160M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 226TTA160M
Description  Filtering ??Bypass ??Coupling ??Blocking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226TTA160M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  226TTA160M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226TTA160M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226TTA160M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TTA
+85°C, Standard, general
purpose 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
3300
50
338TTA050M
0.0804
2350
22x41
3300
63
338TTA063M
0.0804
2370
22x51
4700
10
478TTA010M
0.1129
1730
16x31
4700
16
478TTA016M
0.0988
1840
16x31.5
4700
25
478TTA025M
0.0847
2190
16x41
4700
35
478TTA035M
0.0705
2470
22x41
4700
50
478TTA050M
0.705
2510
22x51
4700
63
478TTA063M
0.0635
3080
25x60
6800
16
688TTA016M
0.078
2310
16x41
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
6800
25
688TTA025M
0.0683
2480
18x41
6800
35
688TTA035M
0.0634
2760
22x51
10000
10
109TTA010M
0.063
2350
18x41
10000
16
109TTA016M
0.063
2520
18x41
10000
25
109TTA025M
0.063
3240
22x51
10000
35
109TTA035M
0.0531
3500
25x51
15000
16
159TTA016M
0.0531
3310
22x51
15000
25
159TTA025M
0.0486
3700
25x51
22000
16
229TTA016M
0.0467
3600
22x51


Similar Part No. - 226TTA160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226TTA160M ILLINOISCAPACITOR-226TTA160M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
226TTA160M ILLINOISCAPACITOR-226TTA160M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
226TTA160M ILLINOISCAPACITOR-226TTA160M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
226TTA160M ILLINOISCAPACITOR-226TTA160M Datasheet
291Kb / 3P
   Axial lead - High voltage
226TTA160M ILLINOISCAPACITOR-226TTA160M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 226TTA160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SML050M ILLINOISCAPACITOR-106SML050M Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
106RSS016M ILLINOISCAPACITOR-106RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
107RSS035M ILLINOISCAPACITOR-107RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
106TTA035MSD ILLINOISCAPACITOR-106TTA035MSD Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107AXZ050M ILLINOISCAPACITOR-107AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
logo
AVX Corporation
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
   EMI Filtering, Broadband Filtering, LCD Filtering
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com