Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

336KXM063M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 336KXM063M
Description  Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

336KXM063M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  336KXM063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 336KXM063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 336KXM063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb-17
FEATURES
Standardized Case Sizes - High Ripple Current
Multiple
Case Sizes
APPLICATIONS
Bypass
Coupling Filtering De-coupling
Operating Temperature
Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
6.3
10
16
25
35
50
63
100
SVDC
7.9
13
20
32
44
63
79
125
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
Tan
δ
.22
.19
.16
.14
.12
.1
.1
.1
Add .02 for every 1000uF above 1000uF
Leakage Current
2 Minutes
.01CV or 3uA, Whichever is greater
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
-25°C to +20°C
4
3
2
2
2
2
2
2
-40°C to +20°C
8
6
4
3
3
3
3
3
Load Life
5000 hours at 105°C with rated WVDC and ripple current applied
(4000 hrs for D=10, 3000 Hrs for D=8, 2000 Hrs for D<6.3)
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance Change
<25% initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Capacitance
50
120
1k
10k
100k
C<180
.4
.4
.75
.9
1.0
220<C<560
.5
.5
.85
.94
1.0
680<C<1800
.6
.6
.87
.95
1.0
2200<C<3900
.75
.75
.9
.95
1.0
C>4700
.85
.85
.95
.98
1.0
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5 mm Max. (L<20mm)
mm
L1=L+2.0 mm Max. (L>20mm)
D1=D+0.5 mm Max.
S1=S+0.5 mm


Similar Part No. - 336KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
336KXM063M ILLINOISCAPACITOR-336KXM063M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
336KXM063M ILLINOISCAPACITOR-336KXM063M Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
336KXM063M ILLINOISCAPACITOR-336KXM063M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
336KXM063M ILLINOISCAPACITOR-336KXM063M Datasheet
137Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 336KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com